Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCW60A Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce BCW60A
Description  NPN EPITAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BCW60A Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  BCW60A Datasheet HTML 1Page - Fairchild Semiconductor BCW60A Datasheet HTML 2Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A2, August 2002
Electrical Characteristics T
a=25°C unless otherwise noted
Marking Code
Symbol
Parameter
Test Condition
Min.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
IC=2mA, IB=0
32
V
BVEBO
Emitter-Base Breakdown Voltage
IE=1µA, IC=0
5
V
ICES
Collector Cut-off Current
VCE=32V, VBE=0
20
nA
IEBO
Emitter Cut-off Current
VEB=4V, IC=0
20
nA
hFE
DC Current Gain
: BCW60B
: BCW60C
: BCW60D
: BCW60A
: BCW60B
: BCW60C
: BCW60D
: BCW60A
: BCW60B
: BCW60C
: BCW60D
VCE=5V, IC=10µA
VCE=5V, IC=2mA
VCE=1V, IC=50mA
20
40
100
120
180
250
380
60
70
90
100
220
310
460
630
VCE(sat)
Collector-Emitter Saturation Voltage
IC=50mA, IB=1.25mA
IC=10mA, IB=0.25mA
0.55
0.35
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC=50mA, IB=1.25mA
IC=10mA, IB=0.25mA
0.7
0.6
1.05
0.85
V
V
VBE(on)
Base-Emitter On Voltage
VCE=5V, IC=2mA
0.55
0.75
V
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
4.5
pF
fT
Current Gain Bandwidth Product
IC=10mA, VCE=5V, f=100MHz
125
MHz
NF
Noise Figure
IC=0.2mA, VCE=5V
RG=2KΩ, f=1KHz
6dB
tON
Turn On Time
IC=10mA, IB1=1mA
150
ns
tOFF
Turn Off Time
VBB=3.6V, IB2=1mA
R1=R2=5K
Ω,R
L=990Ω
800
ns
Type
BCW60A
BCW60B
BCW60C
BCW60D
Mark.
AA
AB
AC
AD
AA
Marking


Numéro de pièce similaire - BCW60A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
BCW60A SAMSUNG-BCW60A Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Siemens Semiconductor G...
BCW60A SIEMENS-BCW60A Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
logo
Infineon Technologies A...
BCW60A INFINEON-BCW60A Datasheet
228Kb / 9P
   NPN Silicon AF Transistors
Jan-29-2002
logo
Zetex Semiconductors
BCW60A ZETEX-BCW60A Datasheet
68Kb / 2P
   SOT23 NPN SILICON PLANAR SMALL SIGNAL TRANSISTORS
logo
Fairchild Semiconductor
BCW60A FAIRCHILD-BCW60A Datasheet
55Kb / 4P
   NPN Epitaxial Silicon Transistor
More results

Description similaire - BCW60A

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com