Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846A Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce BC846A
Description  NPN General Purpose Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC846A Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  BC846A Datasheet HTML 1Page - Fairchild Semiconductor BC846A Datasheet HTML 2Page - Fairchild Semiconductor BC846A Datasheet HTML 3Page - Fairchild Semiconductor BC846A Datasheet HTML 4Page - Fairchild Semiconductor BC846A Datasheet HTML 5Page - Fairchild Semiconductor BC846A Datasheet HTML 6Page - Fairchild Semiconductor BC846A Datasheet HTML 7Page - Fairchild Semiconductor BC846A Datasheet HTML 8Page - Fairchild Semiconductor BC846A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
3
NPN General Purpose Amplifier
(continued)
Typical Common Emitter Characteristics (f = 1.0 kHz)
Typical Common Emitter Characteristics
0.1
0.2
0.5
1
2
5
10
20
50
100
0.01
0.1
1
10
100
I - COLLECTOR CURRENT (mA)
C
f = 1.0kHz
h oe
h oe
h
and h
ie
h fe
h re
h ie
h fe
re
Typical Common Emitter Characteristics
-100
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
T - JUNCTIO N TEMP ERATURE ( C)
J
h oe
h re
h ie
h fe
h oe
h re
h ie
h fe
V
= 5.0V
f = 1.0kHz
I
= 1.0mA
CE
C
°
Typical Common Emitter Characteristics
0
5
10
15
20
25
0.8
0.9
1
1.1
1.2
1.3
1.4
V
- COLLECTOR VOLTAGE (V)
CE
I = 1.0mA
f = 1.0kHz
T = 25 C
C
A
°
h oe
h oe
h re
h ie
h fe
h re
h ie
h fe


Numéro de pièce similaire - BC846A

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BC846A PHILIPS-BC846A Datasheet
80Kb / 10P
   NPN general purpose transistors
2004 Feb 06
logo
Galaxy Semi-Conductor H...
BC846A BILIN-BC846A Datasheet
220Kb / 6P
   NPN general purpose Transistor
logo
Taiwan Semiconductor Co...
BC846A TSC-BC846A Datasheet
126Kb / 3P
   0.2 Watts NPN Plastic-Encapsulate Transistors
logo
Nexperia B.V. All right...
BC846A NEXPERIA-BC846A Datasheet
221Kb / 11P
   65 V, 100 mA NPN general-purpose transistors
Rev. 12 - 1 July 2022
logo
Shenzhen Jin Yu Semicon...
BC846A HTSEMI-BC846A Datasheet
1Mb / 4P
   TRANSISTOR (NPN)
More results

Description similaire - BC846A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com