Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC32740 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BC32740
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC32740 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BC32740 Datasheet HTML 1Page - Fairchild Semiconductor BC32740 Datasheet HTML 2Page - Fairchild Semiconductor BC32740 Datasheet HTML 3Page - Fairchild Semiconductor BC32740 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. B1, August 2002
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
a=25°C unless otherwise noted
Electrical Characteristics T
a=25°C unless otherwise noted
hFE Classification
Symbol
Parameter
Value
Units
VCES
Collector-Emitter Voltage
: BC327
: BC328
-50
-30
V
V
VCEO
Collector-Emitter Voltage
: BC327
: BC328
-45
-25
V
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current (DC)
-800
mA
PC
Collector Power Dissipation
625
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
BVCEO
Collector-Emitter Breakdown Voltage
: BC327
: BC328
IC= -10mA, IB=0
-45
-25
V
V
BVCES
Collector-Emitter Breakdown Voltage
: BC327
: BC328
IC= -0.1mA, VBE=0
-50
-30
V
V
BVEBO
Emitter-Base Breakdown Voltage
IE= -10µA, IC=0
-5
V
ICES
Collector Cut-off Current
: BC327
: BC328
VCE= -45V, VBE=0
VCE= -25V, VBE=0
-2
-2
-100
-100
nA
nA
hFE1
hFE2
DC Current Gain
VCE= -1V, IC= -100mA
VCE= -1V, IC= -300mA
100
40
630
VCE (sat)
Collector-Emitter Saturation Voltage
IC= -500mA, IB= -50mA
-0.7
V
VBE (on)
Base-Emitter On Voltage
VCE= -1V, IC= -300mA
-1.2
V
fT
Current Gain Bandwidth Product
VCE= -5V, IC= -10mA, f=20MHz
100
MHz
Cob
Output Capacitance
VCB= -10V, IE=0, f=1MHz
12
pF
Classification
16
25
40
hFE1
100 ~ 250
160 ~ 400
250 ~ 630
hFE2
60-
100-
170-
BC327/328
Switching and Amplifier Applications
• Suitable for AF-Driver stages and low power output stages
• Complement to BC337/BC338
1. Collector 2. Base 3. Emitter
TO-92
1


Numéro de pièce similaire - BC32740

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
BC327 ETC2-BC327 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Motorola, Inc
BC327 MOTOROLA-BC327 Datasheet
160Kb / 4P
   Amplifier Transistors(PNP)
logo
Diotec Semiconductor
BC327 DIOTEC-BC327 Datasheet
106Kb / 2P
   General Purpose Si-Epitaxial Planar Transistors
logo
SHENZHEN YONGERJIA INDU...
BC327 WINNERJOIN-BC327 Datasheet
127Kb / 1P
   TRANSISTOR (PNP)
logo
NXP Semiconductors
BC327 PHILIPS-BC327 Datasheet
47Kb / 8P
   PNP general purpose transistor
1999 Apr 15
More results

Description similaire - BC32740

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com