Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

1-1123722-3 Fiches technique(PDF) 4 Page - Tyco Electronics

No de pièce 1-1123722-3
Description  AMP Economy Power (EP) Wire-to-Board Connector System
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MACOM [Tyco Electronics]
Site Internet  http://www.macom.com
Logo MACOM - Tyco Electronics

1-1123722-3 Fiches technique(HTML) 4 Page - Tyco Electronics

  1-1123722-3 Datasheet HTML 1Page - Tyco Electronics 1-1123722-3 Datasheet HTML 2Page - Tyco Electronics 1-1123722-3 Datasheet HTML 3Page - Tyco Electronics 1-1123722-3 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
AMP Economy Power (EP)
Wire-to-Board Connector System
Plug Housing and Post Header, High Profile
1 Position Plug Housing
Part Number 1-1123823-1
Material and Finish
Housing—UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Related Product Data
Contacts—Page 2
Mating Post Header—See below
4
1654727– 2.5M–GIC–SS–8-03–0G3B
Tyco Electronics Corporation
Printed in the U.S.A.
www.tycoelectronics.com
1 Position Post Header,
Vertical
Part Numbers
1-1123824-1 (Bulk Pack)
1-1318831-1 (Tube Loaded,
55 pcs. per Tube)
Material and Finish
Housing—UL 94V-0 rated nylon,
natural color
Note: Alternate colors available upon
request. Minimums may apply. Please
contact product engineer or product
manager for details.
Post—Tin-plated brass
Related Product Data
Mating Plug Housing—See above
Mating Height
(High Profile)


Numéro de pièce similaire - 1-1123722-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
1-1123723-0 MACOM-1-1123723-0 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-1 MACOM-1-1123723-1 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-2 MACOM-1-1123723-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-3 MACOM-1-1123723-3 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-1123723-4 MACOM-1-1123723-4 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
More results

Description similaire - 1-1123722-3

FabricantNo de pièceFiches techniqueDescription
logo
Tyco Electronics
1877285-2 MACOM-1877285-2 Datasheet
244Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
1-1877285-1 MACOM-1-1877285-1 Datasheet
241Kb / 4P
   AMP Economy Power (EP) Shrouded Post Headers
1-1318301-2 MACOM-1-1318301-2 Datasheet
41Kb / 1P
   WIRE TO BOARD CONNECTORS ECONOMY POWER (EP) CONNECTORS HEADER ASSEMBLY/3.96MM AND 7.92MM PITCH
1-647676-2 MACOM-1-647676-2 Datasheet
426Kb / 4P
   Economy Power Connector System
3-644456-7 MACOM-3-644456-7 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644861-4 MACOM-2-644861-4 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1375820-5 MACOM-1375820-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-644488-5 MACOM-2-644488-5 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
2-640454-0 MACOM-2-640454-0 Datasheet
2Mb / 84P
   MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors
1-1123824-1 MACOM-1-1123824-1 Datasheet
93Kb / 1P
   ECONOMY POWER(EP)CONN.1 POS HEADER ASSY
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com