Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC4316MTC Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74VHC4316MTC
Description  Quad Analog Switch with Level Translator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4316MTC Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74VHC4316MTC Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4316MTC Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Absolute Maximum Ratings are those values beyond which dam-
age to the device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case on resistances (R
ON) occurs for VHC at 4.5V. Thus the 4.5V values should be used when designing
with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage current occurs
for CMOS at the higher voltage and so the 5.5V values should be used.
Note 5: At supply voltages (VCC–VEE) approaching 2V the analog switch on resistance becomes extremely non-linear. Therefore it is recommended that
these devices be used to transmit digital only when using these supply voltages.
Supply Voltage (VCC)
−0.5 to +7.5V
Supply Voltage (VEE)
+0.5 to −7.5V
DC Control Input Voltage (VIN)
−1.5 to V
CC+1.5V
DC Switch I/O Voltage (VIO)VEE−0.5 to VCC+0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current, per pin (IOUT)
±25 mA
DC VCC or GND Current, per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C to +150°C
Power Dissipation (PD) (Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
Supply Voltage (VEE)0
−6V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf)VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
VCC = 12.0V
250
ns
Symbol
Parameter
Conditions
VEE
VCC
TA = 25°CTA = −40°C to +85°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH
2.0V
1.5
1.5
Level Input
4.5V
3.15
3.15
V
Voltage
6.0V
4.2
4.2
VIL
Maximum LOW
2.0V
0.5
0.5
Level Input
4.5V
1.35
1.35
V
Voltage
6.0V
1.8
1.8
RON
Minimum “ON”
VCTL = VIH,
GND
4.5V
100
170
200
Resistance
IS = 2.0 mA
−4.5V
4.5V
40
85
105
(Note 5)
VIS = VCC to VEE
−6.0V
6.0V
30
70
85
(
Figure 1)
VCTL = VIH,
GND
2.0V
100
180
215
IS = 2.0 mA
GND
4.5V
40
80
100
VIS = VCC or VEE
−4.5V
4.5V
50
60
75
(
Figure 1)
−6.0V
6.0V
20
40
60
RON
Maximum “ON”
VCTL = VIH
GND
4.5V
10
15
20
Resistance
VIS = VCC to VEE
−4.5V
4.5V
5
10
15
Matching
−6.0V
6.0V
5
10
15
IIN
Maximum Control
VIN = VCC or GND
GND
6.0V
±0.1
±1.0
µA
Input Current
IIZ
Maximum Switch
VOS = VCC or VEE
“OFF” Leakage
VIS = VEE or VCC
GND
6.0V
±30
±300
nA
Current
VCTL = VIL
−6.0V
6.0V
±50
±500
(
Figure 2)
IIZ
Maximum Switch
VIS = VCC to VEE
“ON” Leakage
VCTL = VIH,
GND
6.0V
±20
±75
nA
Current
VOS = OPEN
−6.0V
6.0V
±30
±150
(
Figure 3)
ICC
Maximum Quiescent
VIN = VCC or GND
GND
6.0V
1.0
10
µA
Supply Current
IOUT = 0 µA
−6.0V
6.0V
4.0
40


Numéro de pièce similaire - 74VHC4316MTC

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
74VHC4020FT TOSHIBA-74VHC4020FT Datasheet
194Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
logo
Fairchild Semiconductor
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
67Kb / 7P
   12-Stage Binary Counter
74VHC4040 FAIRCHILD-74VHC4040 Datasheet
333Kb / 9P
   12-Stage Binary Counter
logo
Toshiba Semiconductor
74VHC4040FT TOSHIBA-74VHC4040FT Datasheet
189Kb / 10P
   CMOS Digital Integrated Circuits Silicon Monolithic
2017-02-13 Rev.4.0
logo
Fairchild Semiconductor
74VHC4040M FAIRCHILD-74VHC4040M Datasheet
67Kb / 7P
   12-Stage Binary Counter
More results

Description similaire - 74VHC4316MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74HC4316 FAIRCHILD-MM74HC4316 Datasheet
106Kb / 9P
   Quad Analog Switch with Level Translator
logo
Texas Instruments
CD74HC4316 TI-CD74HC4316 Datasheet
58Kb / 10P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316 Datasheet
362Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_08 Datasheet
550Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI1-CD54HC4316_14 Datasheet
967Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_06 Datasheet
369Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
CD54HC4316 TI-CD54HC4316_07 Datasheet
520Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Quad Analog Switch with Level Translation
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066_05 Datasheet
124Kb / 10P
   Quad Analog Switch
logo
Rohm
BU4066BC ROHM-BU4066BC_14 Datasheet
1Mb / 20P
   Quad-Analog Switch
logo
Fairchild Semiconductor
MM74HC4066 FAIRCHILD-MM74HC4066 Datasheet
122Kb / 10P
   Quad Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com