Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC4046N Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74VHC4046N
Description  CMOS Phase Lock Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4046N Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button 74VHC4046N Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 9Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 10Page - Fairchild Semiconductor 74VHC4046N Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
www.fairchildsemi.com
Typical Performance Characteristics (Continued)
VHC4046 VCOout vs
Temperature
VCC = 4.5V
VHC4046 VCOout vs
Temperature
VCC = 6V
VHC4046 Typical Source Follower
Power Dissipation vs RS
Typical fMAX/fMIN vs R2/R1
VCC = 4.5V & 6V fMAX/fMIN


Numéro de pièce similaire - 74VHC4046N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74VHC4046N NSC-74VHC4046N Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
74VHC4046N FAIRCHILD-74VHC4046N Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
National Semiconductor ...
74VHC4046NX NSC-74VHC4046NX Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
More results

Description similaire - 74VHC4046N

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046_03 Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Toshiba Semiconductor
T4K71 TOSHIBA-T4K71 Datasheet
189Kb / 2P
   Built-in phase lock loop
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com