Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VHC4046 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74VHC4046
Description  CMOS Phase Lock Loop
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VHC4046 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74VHC4046 Datasheet HTML 1Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 2Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 3Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 4Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 5Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 6Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 7Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 8Page - Fairchild Semiconductor 74VHC4046 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
(Note 2)
Recommended Operating
Conditions
Note 1: Maximum Ratings are those values beyond which damage to the
device may occur.
Note 2: Unless otherwise specified all voltages are referenced to ground.
Note 3: Power Dissipation temperature derating — plastic “N” package:
12 mW/
°C from 65°C to 85°C.
DC Electrical Characteristics (Note 4)
Note 4: For a power supply of 5V
±10% the worst case output voltages (V
OH, and VOL) occur for VHC at 4.5V. Thus the 4.5V values should be used when
designing with this supply. Worst case VIH and VIL occur at VCC = 5.5V and 4.5V respectively. (The VIH value at 5.5V is 3.85V.) The worst case leakage cur-
rent (IIN, ICC, and IOZ) occur for CMOS at the higher voltage and so the 6.0V values should be used.
Supply Voltage (VCC)
−0.5 to + 7.0V
DC Input Voltage (VIN)
−1.5 to V
CC +1.5V
DC Output Voltage (VOUT)
−0.5 to V
CC + 0.5V
Clamp Diode Current (IIK, IOK)
±20 mA
DC Output Current per pin (IOUT)
±25 mA
DC VCC or GND Current,
per pin (ICC)
±50 mA
Storage Temperature Range (TSTG)
−65°C +150°C
Power Dissipation (PD)
(Note 3)
600 mW
S.O. Package only
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260
°C
Min
Max
Units
Supply Voltage (VCC)2
6
V
DC Input or Output Voltage
0
VCC
V
(VIN, VOUT)
Operating Temperature Range (TA)
−40
+85
°C
Input Rise or Fall Times
(tr, tf)VCC = 2.0V
1000
ns
VCC = 4.5V
500
ns
VCC = 6.0V
400
ns
Symbol
Parameter
Conditions
VCC
TA=25°CTA=−40 to 85°C
Units
Typ
Guaranteed Limits
VIH
Minimum HIGH Level
2.0V
1.5
1.5
V
Input Voltage
4.5V
3.15
3.15
V
6.0V
4.2
4.2
V
VIL
Maximum LOW Level
2.0V
0.5
0.5
V
Input Voltage
4.5V
1.35
1.35
V
6.0V
1.8
1.8
V
VOH
Minimum HIGH Level
VIN = VIH or VIL
2.0V
2.0
1.9
1.9
V
Output Voltage
|IOUT| ≤ 20 µA
4.5V
4.5
4.4
4.4
V
6.0V
6.0
5.9
5.9
V
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
4.2
3.98
3.84
V
|IOUT| ≤ 5.2 mA
6.0V
5.7
5.48
5.34
V
VOL
Maximum LOW Level
VIN = VIH or VIL
2.0V
0
0.1
0.1
V
Output Voltage
|IOUT| ≤ 20 µA4.5V
0
0.1
0.1
V
6.0V
0
0.1
0.1
V
VIN = VIH or VIL
|IOUT| ≤ 4.0 mA
4.5V
0.2
0.26
0.33
V
|IOUT| ≤ 5.2 mA
6.0V
0.2
0.26
0.33
V
IIN
Maximum Input Current (Pins 3,5,9) VIN = VCC or GND
6.0V
±0.1
±1.0
µA
IIN
Maximum Input Current (Pin 14)
VIN = VCC or GND
6.0V
20
50
80
µA
IOZ
Maximum 3-STATE Output
VOUT = VCC or GND
6.0V
±0.25
±2.5
µA
Leakage Current (Pin 13)
ICC
Maximum Quiescent Supply
VIN = VCC or GND
6.0V
30
40
65
µA
Current
IOUT = 0 µA
VIN = VCC or GND
6.0V
600
750
1200
µA
Pin 14 Open


Numéro de pièce similaire - 74VHC4046

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
74VHC4046M NSC-74VHC4046M Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
74VHC4046M FAIRCHILD-74VHC4046M Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
74VHC4046MTC FAIRCHILD-74VHC4046MTC Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
National Semiconductor ...
74VHC4046MX NSC-74VHC4046MX Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
More results

Description similaire - 74VHC4046

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74VHC4046 NSC-74VHC4046 Datasheet
283Kb / 14P
   CMOS Phase Lock Loop
logo
Fairchild Semiconductor
MM74HC4046 FAIRCHILD-MM74HC4046 Datasheet
250Kb / 17P
   CMOS Phase Lock Loop
74VHC4046 FAIRCHILD-74VHC4046_03 Datasheet
239Kb / 16P
   CMOS Phase Lock Loop
logo
List of Unclassifed Man...
NE565 ETC1-NE565 Datasheet
348Kb / 6P
   Phase-Lock Loop
logo
Toshiba Semiconductor
T4K71 TOSHIBA-T4K71 Datasheet
189Kb / 2P
   Built-in phase lock loop
logo
Texas Instruments
CD4046BEE4 TI1-CD4046BEE4 Datasheet
927Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Lockedn Loop
logo
Intersil Corporation
CD4046BMS INTERSIL-CD4046BMS Datasheet
109Kb / 11P
   CMOS Micropower Phase Locked Loop
December 1992
logo
Texas Instruments
CD4046B TI1-CD4046B_15 Datasheet
941Kb / 16P
[Old version datasheet]   CMOS Micropower Phase-Locked Loop
CD4046B TI-CD4046B Datasheet
322Kb / 12P
[Old version datasheet]   CMOS MICROPOWER PHASE-LOCKED LOOP
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com