Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL-W3MC2 Fiches technique(PDF) 6 Page - Omron Electronics LLC

No de pièce TL-W3MC2
Description  Miniature Inductive Prox
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OMRON [Omron Electronics LLC]
Site Internet  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-W3MC2 Fiches technique(HTML) 6 Page - Omron Electronics LLC

  TL-W3MC2 Datasheet HTML 1Page - Omron Electronics LLC TL-W3MC2 Datasheet HTML 2Page - Omron Electronics LLC TL-W3MC2 Datasheet HTML 3Page - Omron Electronics LLC TL-W3MC2 Datasheet HTML 4Page - Omron Electronics LLC TL-W3MC2 Datasheet HTML 5Page - Omron Electronics LLC TL-W3MC2 Datasheet HTML 6Page - Omron Electronics LLC TL-W3MC2 Datasheet HTML 7Page - Omron Electronics LLC TL-W3MC2 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL-W
TL-W
6
18
(0.71)
Sensing head
OPERATION indicator
Two 3.5 x 5 mounting holes
10 (0.39)
30.5 (1.20)
2 m (6.56 ft) cable, 4 mm OD
TL-W5M❑1
TL-W3M❑1
OPERATION indicator
6 (0.24)
27 (1.06)
10 (0.39)
Mounting hole for
M3 pan-head screw
2 m (6.56 ft) cable, 2.9 mm OD
Sensing head
Mounting bracket (included)
OPERATION indicator
Unit: mm (inch)
Dimensions
TL-W5E, TL-W5F
Mounting holes
10 (0.39)
Sensing surface
OPERATION indicator
Cable, 2 m (6.6 ft) length
Approx. 2
15
±0.2
(0.59)
Two 4.5 (0.18 in)
dia. holes
7.2 (0.28) dia.
4 (0.16)
3 (0.12)
4.2 (0.16) dia.
15
(0.59)
25
(0.98)
50 (1.97)
5.5
10
8


Numéro de pièce similaire - TL-W3MC2

FabricantNo de pièceFiches techniqueDescription
logo
TP-Link Technologies Co...
TL-WA701ND TP-LINK-TL-WA701ND Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WDR4900 TP-LINK-TL-WDR4900 Datasheet
4Mb / 3P
   N900 Wireless Dual Band Gigabit Router
TL-WN7200ND TP-LINK-TL-WN7200ND Datasheet
4Mb / 7P
   High Power Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
956Kb / 3P
   150Mbps Wireless N Router
TL-WN727N TP-LINK-TL-WN727N Datasheet
1Mb / 2P
   150Mbps Wireless N Router
More results

Description similaire - TL-W3MC2

FabricantNo de pièceFiches techniqueDescription
logo
Omron Electronics LLC
E2C-C1A OMRON-E2C-C1A Datasheet
396Kb / 15P
   Miniature Inductive Prox
E2E-X10MY2-US OMRON-E2E-X10MY2-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2E-X5E1-M1 OMRON-E2E-X5E1-M1 Datasheet
270Kb / 5P
   Short Barrel Inductive Prox
TL-Q2MC1 OMRON-TL-Q2MC1 Datasheet
119Kb / 9P
   Compact Rectangular Inductive Prox
E2E2-X2C1 OMRON-E2E2-X2C1 Datasheet
362Kb / 9P
   Long Barrel Inductive Prox
E2E-X5Y1-53-US OMRON-E2E-X5Y1-53-US Datasheet
520Kb / 16P
   Short Barrel Inductive Prox
E2EVX5C1 OMRON-E2EVX5C1 Datasheet
300Kb / 6P
   All Metal Sensing Inductive Prox
E2KC25MF1 OMRON-E2KC25MF1 Datasheet
279Kb / 8P
   Adjustable Capacitive Prox
E2S OMRON-E2S Datasheet
545Kb / 8P
   Miniature Square Inductive Proximity Sensor
logo
G.M. International
D5034 GMI-D5034 Datasheet
174Kb / 2P
   I.S. SIL3 Line-Fault Transp. Switch/Prox. Repeater
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com