Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74VCX32374G Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74VCX32374G
Description  Low Voltage 32-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74VCX32374G Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74VCX32374G Datasheet HTML 1Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 2Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 3Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 4Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 5Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 6Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 7Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 8Page - Fairchild Semiconductor 74VCX32374G Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Connection Diagram
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial (HIGH or LOW, inputs may not float)
Z
= High Impedance
O0 = Previous O0 before HIGH-to-LOW of CP
Pin Names
Description
OEn
Output Enable Input (Active LOW)
CPn
Clock Pulse Input
I0–I31
Inputs
O0–O31
Outputs
1
234
56
A
O1
O0
OE1
CP1
I0
I1
B
O3
O2
GND
GND
I2
I3
C
O5
O4
VCC
VCC
I4
I5
D
O7
O6
GND
GND
I6
I7
E
O9
O8
GND
GND
I8
I9
F
O11
O10
VCC
VCC
I10
I11
G
O13
O12
GND
GND
I12
I13
H
O14
O15
OE2
CP2
I15
I14
J
O17
O16
OE3
CP3
I16
I17
K
O19
O18
GND
GND
I18
I19
L
O21
O20
VCC
VCC
I20
I21
M
O23
O22
GND
GND
I22
I23
N
O25
O24
GND
GND
I24
I25
P
O27
O26
VCC
VCC
I26
I27
R
O29
O28
GND
GND
I28
I29
T
O30
O31
OE4
CP4
I31
I30
Inputs
Outputs
Inputs
Outputs
CP1
OE1
I0–I7
O0–O7
CP2
OE2
I8–I15
O8–O15

LH
H

LH
H

LLL

LL
L
LL
X
O0
LL
X
O0
XH
X
Z
XHX
Z
Inputs
Outputs
Inputs
Outputs
CP3
OE3
I16–I23
O16–O23
CP4
OE4
I24–I31
O24–O31

LH
H

LH
H

LLL

LL
L
LL
X
O0
LL
X
O0
XH
X
Z
XHX
Z


Numéro de pièce similaire - 74VCX32374G

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX32373 FAIRCHILD-74VCX32373 Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
74VCX32373GX FAIRCHILD-74VCX32373GX Datasheet
210Kb / 8P
   Low Voltage 32-Bit Transparent Latch with 3.6V Tolerant Inputs and Outputs (Preliminary)
More results

Description similaire - 74VCX32374G

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VCX16721 FAIRCHILD-74VCX16721 Datasheet
60Kb / 7P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX16721 FAIRCHILD-74VCX16721_04 Datasheet
153Kb / 9P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74ALVC16721 FAIRCHILD-74ALVC16721 Datasheet
82Kb / 6P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74VCX16821 FAIRCHILD-74VCX16821 Datasheet
145Kb / 9P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
74ALVC16821 FAIRCHILD-74ALVC16821 Datasheet
88Kb / 6P
   Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCX16374 FAIRCHILD-74VCX16374 Datasheet
130Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT Datasheet
380Kb / 11P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74ALVC16374 FAIRCHILD-74ALVC16374 Datasheet
122Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3.6V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MA574FK TOSHIBA-TC7MA574FK Datasheet
331Kb / 9P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com