Moteur de recherche de fiches techniques de composants électroniques |
|
3-1393774-5 Fiches technique(PDF) 2 Page - Tyco Electronics |
|
3-1393774-5 Fiches technique(HTML) 2 Page - Tyco Electronics |
2 / 5 page 02-2012, Rev. 0212 www.te.com © 2011 Tyco Electronics Corporation, a TE Connectivity Ltd. company Datasheets and product specification according to IEC 61810-1 and to be used only together with the ‘Definitions’ section. Datasheets and product data is subject to the terms of the disclaimer and all chapters of the ‘Definitions’ section, available at http://relays.te.com/definitions Datasheets, product data, ‘Definitions’ sec- tion, application notes and all specifications are subject to change. 2 AXICOM Signal Relays P1 Relay V23026 (Continued) Insulation Data Initial dielectric strength between open contacts 500Vrms between contact and coil 1500Vrms Initial surge withstand voltage between contact and coil 2500V Capacitance between open contacts max. 5pF between contact and coil max. 6pF Clearance/creepage between contact and coil 0.75mm between adjacent contacts 0.75mm RF Data Isolation at 100MHz/900MHz -30.0dB/-18.0dB Insertion loss at 100MHz/900MHz -0.12dB/-1.9dB Voltage standing wave ratio (VSWR) at 100MHz/900MHz 1.06/1.75 Other Data Material compliance: EU RoHS/ELV, China RoHS, REACH, Halogen content refer to the Product Compliance Support Center at www.te.com/customersupport/rohssupportcenter Ambient temperature -40 to +85°C Category of environmental protection, IEC 61810 RT III - immersion cleanable Vibration resistance (functional) 20g, 200 to 2000Hz 40g, 10 to 200Hz Shock resistance (functional) IEC 60068-2-27 (half sine) 50 g Terminal type PCB terminals and SMT terminals Weight max. 2g Resistance to soldering heat THT IEC 60068-2-20 265 °C/10s Resistance to soldering heat SMT IEC 60068-2-58 see reflow profile Moisture sensitive level, JEDEC J-Std-020D MSL3 Washing not recommended Ultrasonic cleaning possible Packaging unit THT 2000 pcs. SMT 2400 pcs. Coil data (continued) Coil versions, THT and SMT, bistable 2 coils Coil Rated Set Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω ±10% mW 106 3 2.25 2.25 130 69 101 5 3.75 3.75 390 64 105 9 6.75 6.75 1200 68 102 12 9.00 9.00 1500 96 241) All figures are given for coil without pre-energization, at ambient temperature +23°C. Coils I and II are identical. 1) A nominal voltage of 24VDC is feasible with a 12VDC coil with a series resistor (1500Ω) Coil data (continued) Coil versions, THT, bistable 1 coil Coil Rated Set Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω ±10% mW 056 3 2.25 -2.25 300 30 051 5 3.75 -3.75 740 34 057 9 6.75 -6.75 2160 38 052 12 9.00 -9.00 4500 32 054 24 18.00 -18.00 4500 128 Coil data (continued) Coil versions, SMT, bistable 1 coil Coil Rated Set Reset Coil Rated coil code voltage voltage voltage resistance power VDC VDC VDC Ω ±10% mW 051 5 3.75 -3.75 740 34 052 12 9.00 -9.00 4500 32 A nominal voltage of 24V is feasible with a 12V coil with a series resitor (4500Ω) Other coil voltages on request All figures are given for coil without pre-energization, at ambient temperature +23°C. Coils I and II are identical. Coil operative range, bistable Umax upper limit of the operative range of the coil voltage (limiting voltage) when coils are continuously energized. Uop min lower limit of the operative range of the coil voltage (reliable operate voltage). Urel min lower limit of the operative range of the coil voltage (reliable release voltage). 108-98009 Rev. E All specifications subject to change. Consult Tyco Electronics for latest specifications. 5 of 12 Telecom-, Signal and RF Relays P1 V23026 Relay AXICOM Coil Operating Range Unom = Nominal coil voltage Umax. = Upper limit of the operative range of the coil voltage (limiting voltage) when coils are continously energized Uop. min. = Lower limit of the operative range of the coil voltage (reliable operate voltage) Urel. min. = Lower limit of the operative range of the coil voltage (reliable release voltage) Umax. at 0 A Umax. at - 1 A Unom. nominal coil voltage Uop. min. Urel. min. Ambient Temperature [°C] Umax. at 0 A 65 mW 130 mW Ambient Temperature [°C] Unom. nominal coil voltage Umax. - 100 % coil duty at 0 A 65 mW Latching 32 mW Latching Umax. - 5 % coil duty at 1 A Umax. - 5 % coil duty at 0 A Uset min. |
Numéro de pièce similaire - 3-1393774-5 |
|
Description similaire - 3-1393774-5 |