Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3300 Fiches technique(PDF) 2 Page - Touchstone Semiconductor Inc

No de pièce TS3300
Description  0.6-4.5VIN, 1.8-5.25VOUT, 3.5-uA, Low Input Voltage, High-Efficiency Boost LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS3300 Fiches technique(HTML) 2 Page - Touchstone Semiconductor Inc

  TS3300 Datasheet HTML 1Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 2Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 3Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 4Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 5Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 6Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 7Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 8Page - Touchstone Semiconductor Inc TS3300 Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TS3300
Page 2
TS3300DS r1p0
RTFDS
ABSOLUTE MAXIMUM RATINGS
BI to GND........................................................... -0.3V to VBO +0.1V
CCP ......................................................................... -0.3V to +2.5V
BEN to GND ........................................................... -0.3V to +5.75V
BI FB, REG FB, BO FB to GND.............................. -0.3V to +5.75V
SW EN, REG EN to GND ....................................... -0.3V to +5.75V
BO, REG OUT, REG IN to GND ............................. -0.3V to +5.75V
LSW to GND........................................................... -0.3V to +5.75V
Continuous Power Dissipation (TA = +70°C)
16-Pin TQFN (Derate at 17.5mW/°C above +70°C)..... 1398mW
Operating Temperature Range................................ -40°C to +85°C
Storage Temperature Range................................. -65°C to +150°C
Lead Temperature (Soldering, 10s) ..................................... +300°C
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER QUANTITY
TS3300ITQ1633TP
3300I
Tape
& Reel
-----
TS3300ITQ1633T
Tape
& Reel
3000
Lead-free Program: Touchstone Semiconductor supplies only lead-free packaging.
Consult Touchstone Semiconductor for products specified with wider operating temperature ranges.


Numéro de pièce similaire - TS3300

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS3300 SILABS-TS3300 Datasheet
1Mb / 12P
   High-Efficiency Boost Output Load Switch
logo
List of Unclassifed Man...
TS33000 ETC2-TS33000 Datasheet
1Mb / 12P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

Description similaire - TS3300

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS3300DB TOUCHSTONE-TS3300DB Datasheet
451Kb / 4P
   A 0.6-4.5VIN, 1.8-5.25VOUT, 3.5A, Low Input Voltage, High-Efficiency Boost LDO
logo
Renesas Technology Corp
ISL9111 RENESAS-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Intersil Corporation
ISL9111 INTERSIL-ISL9111 Datasheet
1Mb / 15P
   Low Input Voltage, High Efficiency Synchronous Boost Converter with 1A Switch
logo
Texas Instruments
TPS61322 TI1-TPS61322 Datasheet
341Kb / 9P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
TPS61322 TI1-TPS61322_18 Datasheet
1Mb / 29P
[Old version datasheet]   6.5-uA Quiescent Current, 1.8-A Switch Current Boost Converter
logo
Renesas Technology Corp
ISL9113A RENESAS-ISL9113A Datasheet
737Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113A INTERSIL-ISL9113A Datasheet
528Kb / 10P
   Low Input Voltage and High Efficiency, Synchronous Boost Converter with 1.3A Switch
January 4, 2017
logo
Renesas Technology Corp
ISL9113 RENESAS-ISL9113 Datasheet
1,003Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
ISL78113A RENESAS-ISL78113A Datasheet
859Kb / 12P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
logo
Intersil Corporation
ISL9113 INTERSIL-ISL9113 Datasheet
703Kb / 15P
   Low Input Voltage and High Efficiency Synchronous Boost Converter with 1.3A Switch
February 23, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com