Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX240MTC Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LVX240MTC
Description  Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX240MTC Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LVX240MTC Datasheet HTML 1Page - Fairchild Semiconductor 74LVX240MTC Datasheet HTML 2Page - Fairchild Semiconductor 74LVX240MTC Datasheet HTML 3Page - Fairchild Semiconductor 74LVX240MTC Datasheet HTML 4Page - Fairchild Semiconductor 74LVX240MTC Datasheet HTML 5Page - Fairchild Semiconductor 74LVX240MTC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute Maximum Ratings are those values beyond which the
safety to the device cannot be guaranteed. The device should not be oper-
ated at these limits. The parametric values defined in the Electrical Charac-
teristics tables are not guaranteed at the absolute maximum ratings. The
“Recommended Operating Conditions” table will define the conditions for
actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Noise Characteristics (Note 3)
Note 3: (Input tr tf 3 ns)
Supply Voltage (VCC)
0.5V to 7.0V
DC Input Diode Current (IIK)
VI 0.5V
20 mA
DC Input Voltage (VI)
0.5V to 7V
DC Output Diode Current (IOK)
VO
0.5V
20 mA
VO VCC  0.5V
20 mA
DC Output Voltage (VO)
0.5V to VCC  0.5V
DC Output Source
or Sink Current (IO)
r25 mA
DC VCC or Ground Current
(ICC or IGND)
r75 mA
Storage Temperature (TSTG)
65qC to 150qC
Power Dissipation (PD)
180 mW
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)
0V to 5.5V
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
40qC to 85qC
Input Rise and Fall Time (
't/'V)
0 ns/V to 100 ns/V
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
Min
Typ
Max
Min
Max
VIH
HIGH Level
2.0
1.5
1.5
Input Voltage
3.0
2.0
2.0
V
3.6
2.4
2.4
VIL
LOW Level
2.0
0.5
0.5
Input Voltage
3.0
0.8
0.8
V
3.6
0.8
0.8
VOH
HIGH Level
2.0
1.9
2.0
1.9
VIN VIH or VIL
IOH 50 PA
Output Voltage
3.0
2.9
3.0
2.9
V
IOH 50 PA
3.0
2.58
2.48
IOH 4 mA
VOL
LOW Level
2.0
0.0
0.1
0.1
VIN VIH or VIL
IOL 50 PA
Output Voltage
3.0
0.0
0.1
0.1
V
IOL 50 PA
3.0
0.36
0.44
IOL 4 mA
IOZ
3-STATE Output
3.6
r0.25
r2.5
PAVIN VIH or VIL
Off-State Current
VOUT VCC or GND
IIN
Input Leakage Current
3.6
r0.1
r1.0
PAVIN 5.5V or GND
ICC
Quiescent Supply Current
3.6
4.0
40.0
PAVIN VCC or GND
Symbol
Parameter
VCC
TA 25qC
Units
CL (pF)
(V)
Typ
Limit
VOLP
Quiet Output Maximum Dynamic VOL
3.3
0.5
0.8
V
50
VOLV
Quiet Output Minimum Dynamic VOL
3.3
0.5
0.8
V
50
VIHD
Minimum HIGH Level Dynamic Input Voltage
3.3
2.0
V
50
VILD
Maximum LOW Level Dynamic Input Voltage
3.3
0.8
V
50


Numéro de pièce similaire - 74LVX240MTC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVX240MTR STMICROELECTRONICS-74LVX240MTR Datasheet
258Kb / 12P
   LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE INV.) WITH 5V TOLERANT INPUTS
More results

Description similaire - 74LVX240MTC

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH244 FAIRCHILD-74LVTH244 Datasheet
104Kb / 9P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX244 FAIRCHILD-74LVX244 Datasheet
72Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVX541 FAIRCHILD-74LVX541 Datasheet
84Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ244 FAIRCHILD-74LVQ244_01 Datasheet
65Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT244 FAIRCHILD-74LVT244_08 Datasheet
322Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ241 FAIRCHILD-74LVQ241 Datasheet
62Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240 Datasheet
103Kb / 8P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVT240 FAIRCHILD-74LVT240_08 Datasheet
326Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
74LVQ240 FAIRCHILD-74LVQ240 Datasheet
88Kb / 6P
   Low Voltage Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com