Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX125MT Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74LVX125MT
Description  Low Voltage Quad Buffer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX125MT Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74LVX125MT Datasheet HTML 1Page - Fairchild Semiconductor 74LVX125MT Datasheet HTML 2Page - Fairchild Semiconductor 74LVX125MT Datasheet HTML 3Page - Fairchild Semiconductor 74LVX125MT Datasheet HTML 4Page - Fairchild Semiconductor 74LVX125MT Datasheet HTML 5Page - Fairchild Semiconductor 74LVX125MT Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Note 5: Parameter guaranteed by design. tOSLH
|tPLHm  tPLHn|, tOSHL |tPHLm  tPHLn|
Capacitance
Note 6: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Symbol
Parameter
VCC
TA 25qCTA 40qC to 85qC
Units
Conditions
(V)
Min
Typ
Max
Min
Max
tPLH
Propagation Delay Time
2.7
5.8
10.1
1.0
13.5
ns
CL 15 pF
tPHL
Data to Output
8.3
13.6
1.0
17.0
CL 50 pF
3.3
r 0.3
4.4
6.2
1.0
8.5
CL 15 pF
6.9
9.7
1.0
12.0
CL 50 pF
tPZH
Output Enable Time
2.7
5.3
9.3
1.0
12.5
ns
CL 15 pF, RL 1 k:
tPZL
7.8
12.8
1.0
16.0
CL 50 pF, RL 1 k:
3.3
r 0.3
4.0
5.6
1.0
7.5
CL 15 pF, RL 1 k:
6.5
9.1
1.0
11.0
CL 50 pF, RL 1 k:
tPHZ
Output Disable
2.7
10.0
15.7
1.0
19.0
ns
CL 50 pF, RL 1 k:
tPLZ
Time
3.3
r 0.3
8.3
11.2
1.0
13.0
CL 50 pF, RL 1 k:
tOSHL
Output to Output
2.7
1.5
1.5
ns
CL 50 pF
tOSLH
Skew (Note 5)
3.3
1.5
1.5
Symbol
Parameter
TA 25qCTA 40qC to 85qC
Units
Min
Typ
Max
Min
Max
CIN
Input Capacitance
4.0
10
10
pF
CPD
Power Dissipation
14
pF
Capacitance (Note 6)


Numéro de pièce similaire - 74LVX125MT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX125MTC FAIRCHILD-74LVX125MTC Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTC FAIRCHILD-74LVX125MTC Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74LVX125MTC ONSEMI-74LVX125MTC Datasheet
316Kb / 9P
   Low Voltage Quad Buffer
February 2008 Rev. 1.4.0
logo
Fairchild Semiconductor
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTC FAIRCHILD-74LVX125MTC_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
More results

Description similaire - 74LVX125MT

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX125SJX FAIRCHILD-74LVX125SJX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125_08 Datasheet
294Kb / 9P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125_01 Datasheet
54Kb / 5P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125 FAIRCHILD-74LVX125_08 Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVTH125 FAIRCHILD-74LVTH125 Datasheet
56Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVQ125 FAIRCHILD-74LVQ125 Datasheet
66Kb / 6P
   Low Voltage Quad Buffer with 3-STATE Outputs
74LVX125MTCX FAIRCHILD-74LVX125MTCX Datasheet
310Kb / 8P
   Low Voltage Quad Buffer with 3-STATE Outputs
74VHC125 FAIRCHILD-74VHC125_07 Datasheet
198Kb / 9P
   Quad Buffer with 3-STATE Outputs
logo
ON Semiconductor
74VHC125 ONSEMI-74VHC125 Datasheet
225Kb / 9P
   Quad Buffer with 3-STATE Outputs
December 2007 Rev. 1.4.0
logo
Fairchild Semiconductor
74ABT125CSCX FAIRCHILD-74ABT125CSCX Datasheet
284Kb / 8P
   Quad Buffer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com