Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS3406 Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS3406
Description  600mA / 1.5MHz Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS3406 Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS3406_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS3406_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS3406_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS3406_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS3406_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS3406_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS3406_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS3406
600mA / 1.5MHz Synchronous Buck Converter
3/7
Version: C12
Block Diagram
Function Description
Operation
TS3406 is a monolithic switching mode Step-Down DC-DC converter. It utilizes internal MOSFETs to achieve high
efficiency and can generate very low output voltage by using internal reference at 0.6V. It operates at a fixed
switching frequency, and uses the slope compensated current mode architecture. This Step-Down DC-DC
Converter supplies 600mA output current at VCC = 3V with input voltage range from 2.5V to 5.5V.
Current Mode PWM Control
Slope compensated current mode PWM control provides stable switching and cycle-by-cycle current limit for
excellent load and line responses and protection of the internal main switch (P-CH MOSFET) and synchronous
rectifier (N-CH MOSFET). During normal operation, the internal P-CH MOSFET is turned on for a certain time to
ramp the inductor current at each rising edge of the internal oscillator, and switched off when the peak inductor
current is above the error voltage. The current comparator, ICOMP, limits the peak inductor current. When the main
switch is off, the synchronous rectifier will be turned on immediately and stay on until either the inductor current
starts to reverse, as indicated by the current reversal comparator, IZERO, or the beginning of the next clock cycle.
The OVDET comparator controls output transient overshoots by turning the main switch off and keeping it off until
the fault is no longer present.
Idle Mode Operation
At very light loads, the TS3406 automatically enters Idle Mode. In the Idle Mode, the inductor current may reach
zero or reverse on each pulse. The PWM control loop will automatically skip pulses to maintain output regulation.
The bottom MOSFET is turned off by the current reversal comparator, IZERO and the switch voltage will ring. This
is discontinuous mode operation, and is normal behavior for the switching regulator. When the input voltage
decreases toward the value of the output voltage, the TS3406 allows the main switch to remain on for more than
one switching cycle and increases the duty cycle until it reaches 100%. The output voltage then is the input voltage
minus the voltage drop across the main switch and the inductor. At low input supply voltage, the RDS(ON) of the P-
CH MOSFET increases, and the efficiency of the converter decreases. Caution must be exercised to ensure the
heat dissipated not to exceed the maximum junction temperature of the IC.


Numéro de pièce similaire - TS3406_13

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
733Kb / 10P
   Dc to Dc Converter Controller
TS34063 TSC-TS34063 Datasheet
353Kb / 10P
   Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
TS34063ACD TSC-TS34063ACD Datasheet
115Kb / 8P
   Dc to Dc Converter Controller
More results

Description similaire - TS3406_13

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
AMETHERM Circuit Protec...
AME5258 AMETHERM-AME5258 Datasheet
297Kb / 17P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com