Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS2024CX5RFG Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS2024CX5RFG
Description  1.5A Single Channel USB Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2024CX5RFG Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2024CX5RFG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2024CX5RFG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2024CX5RFG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2024CX5RFG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2024CX5RFG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2024CX5RFG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2024CX5RFG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS2024CX5RFG Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS2024
1.5A Single Channel USB Power Switch
5/8
Version: A11
Electrical Characteristics Curve
Figure 1. ON Resistance vs. Supply Voltage
Figure 2. ON Resistance vs. Temperature
Figure 3. ON-State Current vs. Supply Voltage
Figure 4. ON-State Current vs. Temperature
Figure 5. Current Limit vs. Supply Voltage
Figure 6. Current Limit vs. Temperature


Numéro de pièce similaire - TS2024CX5RFG

FabricantNo de pièceFiches techniqueDescription
logo
Bothhand USA, LP.
TS2024 BOTHHAND-TS2024 Datasheet
285Kb / 1P
   10 BASE-T ISOLATION TRANSFORMER
More results

Description similaire - TS2024CX5RFG

FabricantNo de pièceFiches techniqueDescription
logo
Analog Intergrations Co...
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
   1.5A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Diodes Incorporated
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Taiwan Semiconductor Co...
TS2021 TSC-TS2021 Datasheet
392Kb / 8P
   0.5A Single Channel USB Power Switch
TS2023 TSC-TS2023 Datasheet
396Kb / 8P
   1A Single Channel USB Power Switch
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com