Moteur de recherche de fiches techniques de composants électroniques |
|
74LVTH646 Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
74LVTH646 Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 8 page 3 www.fairchildsemi.com Functional Description In the transceiver mode, data present at the HIGH impedance port may be stored in either the A or B register or both. The select (SAB, SBA) controls can multiplex stored and real-time. The examples below demonstrate the four fundamental bus- management functions that can be performed. The direction control (DIR) determines which bus will receive data when OE is LOW. In the isolation mode (OE HIGH), A data may be stored in one register and/or B data may be stored in the other register. When an output function is disabled, the input function is still enabled and may be used to store and transmit data. Only one of the two busses, A or B, may be driven at a time. Real-Time Transfer Bus B to Bus A Transfer Storage Data to A or B Real-Time Transfer Bus B to Bus A Storage OE DIR CPAB CPBA SAB SBA LL X X X L OE DIR CPAB CPBA SAB SBA LL X H or L X H LH H or L X H X OE DIR CPAB CPBA SAB SBA LH X X L X OE DIR CPAB CPBA SAB SBA LH XL X LL X XL HX XX X HX X XX |
Numéro de pièce similaire - 74LVTH646 |
|
Description similaire - 74LVTH646 |