Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1935B Fiches technique(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS1935B
Description  1.9A / 1.2MHz Boost DC to Dc Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1935B Fiches technique(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS1935B_13 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS1935B_13 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS1935B
1.9A / 1.2MHz Boost DC to Dc Converter
5/8
Version: A12
Electrical Characteristics Curve
Figure 1. Quiescent Current vs. Input Voltage
Figure 2. Frequency vs. Input Voltage
Figure 3. FB Voltage vs. Input Voltage
Figure 4. FB Voltage vs. Output Current
Figure 5. FB Voltage vs. Temperature
Figure 6. Frequency vs. Temperature


Numéro de pièce similaire - TS1935B_13

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1935BCX5RFG TSC-TS1935BCX5RFG Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
More results

Description similaire - TS1935B_13

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS1935B TSC-TS1935B Datasheet
84Kb / 6P
   1.9A / 1.2MHz Boost DC to Dc Converter
logo
AiT Semiconductor Inc.
A7566 AITSEMI-A7566 Datasheet
553Kb / 11P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.1
A7525 AITSEMI-A7525 Datasheet
507Kb / 13P
   DC-DC CONVERTER BOOST(STEP-UP) 1.2MHz, MICROPOWER SYNCHRONOUS
REV1.3
logo
Linear Technology
LT1935 LINER-LT1935 Datasheet
189Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Integrated Syste...
LT1935 LINEAR-LT1935 Datasheet
185Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
Linear Technology
LT1935 LINER-LT1935_15 Datasheet
195Kb / 8P
   1.2MHz Boost DC/DC Converter in ThinSOT with 2A Switch
logo
AiT Semiconductor Inc.
A7632 AITSEMI-A7632 Datasheet
879Kb / 12P
   DC-DC CONVERTER (BOOST) 2A 28V 1.2MHz CURRENT MODE STEP-UP CONVERTER
REV2.0 - MAR 2017
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT1946 LINER-LT1946 Datasheet
266Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Taiwan Semiconductor Co...
TS1909 TSC-TS1909 Datasheet
311Kb / 6P
   MicroPower VFM Boost DC to Dc Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com