Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH16952 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce 74LVTH16952
Description  Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16952 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

  74LVTH16952 Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16952 Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16952 Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16952 Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16952 Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16952 Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16952 Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH16952 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.fairchildsemi.com
6
AC Electrical Characteristics
Note 10: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The
specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Capacitance (Note 11)
Note 11: Capacitance is measured at frequency f
= 1 MHz, per MIL-STD-883, Method 3012.
Symbol
Parameter
TA = −40°C to +85°C
Units
CL = 50 pF, RL = 500Ω
VCC = 3.3 ± 0.3V
VCC = 2.7V
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
150
150
MHz
tPLH
Propagation Delay
1.3
4.4
1.3
4.7
ns
tPHL
CPBA or CPAB to A or B
1.3
4.8
1.3
5.0
tPZH
Output Enable Time
1.0
4.3
1.0
4.9
ns
tPZL
OE to A or B
1.0
4.8
1.0
5.7
tPHZ
Output Disable Time
2.1
5.7
2.1
6.2
ns
tPLZ
OE to A or B
2.1
5.1
2.1
5.3
tW
Pulse Width, CPAB or CPBA HIGH or LOW
3.3
3.3
ns
tS
Setup Time
A or B before CPAB or CPBA
1.7
2.5
ns
CEA or CEB before CPAB or CPBA
2.0
2.8
tH
Hold Time
A or B after CPAB or CPBA
0.8
0.0
ns
CEA or CEB after CPAB or CPBA
0.4
0.0
tOSLH
Output to Output Skew (Note 10)
1.0
1.0
ns
tOSHL
1.0
1.0
Symbol
Parameter
Conditions
Typical
Units
CIN
Input Capacitance
VCC = OPEN, VI = 0V or VCC
4pF
CI/O
Input/Output Capacitance
VCC = 3.0V, VO = 0V or VCC
8pF


Numéro de pièce similaire - 74LVTH16952

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVTH16952DGGRE4 TI-74LVTH16952DGGRE4 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16952DLRG4 TI-74LVTH16952DLRG4 Datasheet
211Kb / 13P
[Old version datasheet]   3.3-V ABT 16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74LVTH16952

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH16543 FAIRCHILD-74LVTH16543 Datasheet
74Kb / 8P
   Low Voltage 16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI1-SN74ALVCH16543_08 Datasheet
356Kb / 16P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com