Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH16501MTD Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LVTH16501MTD
Description  Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH16501MTD Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LVTH16501MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH16501MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH16501MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH16501MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH16501MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH16501MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH16501MTD Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Connection Diagram
Pin Descriptions
Function Table (Note 1)
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
↑ = LOW-to-HIGH Clock Transition
Note 1: A-to-B data flow is shown: B-to-A flow is similar but uses OEBA,
LEBA, and CLKBA. OEBA is active LOW
Note 2: Output level before the indicated steady-state input conditions
were established, provided that CLKAB was HIGH before LEAB went LOW.
Note 3: Output level before the indicated steady-state input conditions
were established.
Functional Description
For A-to-B data flow, the device operates in the transparent
mode when LEAB is HIGH. When LEAB is LOW, the A
data is latched if CLKAB is held at a HIGH or LOW logic
level. If LEAB is LOW, the A bus data is stored in the latch/
flip-flop on the LOW-to-HIGH transition of CLKAB. Output-
enable OEAB is active-HIGH. When OEAB is HIGH, the
outputs are active. When OEAB is LOW, the outputs are in
the high-impedance state.
Data flow for B to A is similar to that of A-to-B but uses
OEBA, LEBA, and CLKBA. The output enables are com-
plementary (OEAB is active-HIGH and OEBA is active-
LOW).
Logic Diagram
Pin Names
Description
A1–A18
Data Register A Inputs/3-STATE Outputs
B1–B18
Data Register B Inputs/3-STATE Outputs
CLKAB, CLKBA Clock Pulse Inputs
LEAB, LEBA
Latch Enable Inputs
OEAB, OEBA
Output Enable Inputs
Inputs
Output
OEAB
LEAB
CLKAB
An
Bn
L
XXX
Z
HH
X
L
L
HH
X
H
H
HL
LL
HL
HH
HL
H
X
B0 (Note 2)
HL
L
X
B0 (Note 3)


Numéro de pièce similaire - 74LVTH16501MTD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVTH16501DGGRE4 TI-74LVTH16501DGGRE4 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
74LVTH16501DLRG4 TI-74LVTH16501DLRG4 Datasheet
204Kb / 12P
[Old version datasheet]   3.3-V ABT 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

Description similaire - 74LVTH16501MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH16500 FAIRCHILD-74LVTH16500 Datasheet
67Kb / 7P
   Low Voltage 18-Bit Universal Bus Transceivers with 3-STATE Outputs Preliminary
74LVTH16835 FAIRCHILD-74LVTH16835 Datasheet
62Kb / 7P
   Low Voltage 18-Bit Universal Bus Driver with 3-STATE Outputs (Preliminary)
logo
Texas Instruments
SN54ABT162501 TI-SN54ABT162501 Datasheet
135Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT162601 TI-SN54ABT162601 Datasheet
124Kb / 8P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16501 TI-SN54ABT16501 Datasheet
148Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16600 TI-SN54ABT16600 Datasheet
125Kb / 7P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16501 FAIRCHILD-74ABT16501 Datasheet
67Kb / 7P
   18-Bit Universal Bus Transceivers with 3-STATE Outputs
logo
Texas Instruments
SN54ABT16600 TI1-SN54ABT16600_14 Datasheet
143Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH162501 RENESAS-HD74ALVCH162501 Datasheet
3Mb / 13P
   18-bit Universal Bus Transceivers with 3-state Outputs
logo
Texas Instruments
SN54ABT16500B TI-SN54ABT16500B Datasheet
149Kb / 9P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com