Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH162374MTD Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LVTH162374MTD
Description  Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162374MTD Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LVTH162374MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162374MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162374MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162374MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162374MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162374MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162374MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH162374MTD Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating Conditions
Note 2: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions
beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied.
Note 3: IO Absolute Maximum Rating must be observed.
DC Electrical Characteristics
Symbol
Parameter
Value
Conditions
Units
VCC
Supply Voltage
0.5 to 4.6
V
VI
DC Input Voltage
0.5 to 7.0
V
VO
DC Output Voltage
0.5 to 7.0
Output in 3-STATE
V
0.5 to 7.0
Output in HIGH or LOW State (Note 3)
IIK
DC Input Diode Current
50
VI  GND
mA
IOK
DC Output Diode Current
50
VO  GND
mA
IO
DC Output Current
64
VO ! VCC Output at HIGH State
mA
128
VO ! VCC Output at LOW State
ICC
DC Supply Current per Supply Pin
r64
mA
IGND
DC Ground Current per Ground Pin
r128
mA
TSTG
Storage Temperature
65 to 150
qC
Symbol
Parameter
Min
Max
Units
VCC
Supply Voltage
2.7
3.6
V
VI
Input Voltage
0
5.5
V
IOH
HIGH Level Output Current
12
mA
IOL
LOW Level Output Current
12
mA
TA
Free-Air Operating Temperature
40
85
qC
't/'V
Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V
0
10
ns/V
Symbol
Parameter
VCC
T A 40qC to 85qC
Units
Conditions
(V)
Min
Max
VIK
Input Clamp Diode Voltage
2.7
1.2
V
II 18 mA
VIH
Input HIGH Voltage
2.7–3.6
2.0
V
VO d 0.1V or
VIL
Input LOW Voltage
2.7–3.6
0.8
V
VO t VCC  0.1V
VOH
Output HIGH Voltage
2.7–3.6
VCC  0.2
V
IOH 100 PA
3.0
2.0
IOH 12 mA
VOL
Output LOW Voltage
2.7
0.2
V
IOL 100 PA
3.0
0.8
IOL 12 mA
II(HOLD)
Bushold Input Minimum Drive
3.0
75
PA
VI 0.8V
75
VI 2.0V
II(OD)
Bushold Input Over-Drive
3.0
500
PA
(Note 4)
Current to Change State
500
(Note 5)
II
Input Current
3.6
10
PA
VI 5.5V
Control Pins
3.6
r1VI 0V or VCC
Data Pins
3.6
5VI 0V
1VI VCC
IOFF
Power Off Leakage Current
0
r100
PA0V d VI or VO d 5.5V
IPU/PD
Power Up/Down 3-STATE
0–1.5V
r100
PA
VO 0.5V to 3.0V
Output Current
VI GND or VCC
IOZL
3-STATE Output Leakage Current
3.6
5
PAVO 0.5V
IOZH
3-STATE Output Leakage Current
3.6
5
PAVO 3.0V
IOZH
3-STATE Output Leakage Current
3.6
10
PAVCC  VO d 5.5V
ICCH
Power Supply Current
3.6
0.19
mA
Outputs HIGH
ICCL
Power Supply Current
3.6
5
mA
Outputs LOW
ICCZ
Power Supply Current
3.6
0.19
mA
Outputs Disabled


Numéro de pièce similaire - 74LVTH162374MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH162374MTD FAIRCHILD-74LVTH162374MTD Datasheet
242Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
More results

Description similaire - 74LVTH162374MTD

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH162374 FAIRCHILD-74LVTH162374_07 Datasheet
242Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs and 25廓 Series Resistors in the Outputs
74LVTH322374 FAIRCHILD-74LVTH322374 Datasheet
77Kb / 6P
   Low Voltage 32-Bit D-Type Flip-Flop with 3-STATE Outputs and 25??Series Resistors in the Outputs (Preliminary)
74LVT16374 FAIRCHILD-74LVT16374 Datasheet
58Kb / 8P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVT16374 ONSEMI-74LVT16374 Datasheet
207Kb / 10P
   Low Voltage 16-Bit D-Type Flip-Flop with 3-STATE Outputs
Revised June 2005
logo
Fairchild Semiconductor
74ACT16374 FAIRCHILD-74ACT16374_05 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACT16374 FAIRCHILD-74ACT16374 Datasheet
94Kb / 7P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374 Datasheet
94Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ACTQ16374 FAIRCHILD-74ACTQ16374_05 Datasheet
108Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
74ABT16374 FAIRCHILD-74ABT16374 Datasheet
89Kb / 6P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
logo
Pericom Semiconductor C...
PI74ALVTC16374 PERICOM-PI74ALVTC16374 Datasheet
291Kb / 8P
   16-Bit D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com