Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVT162244GX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce 74LVT162244GX
Description  Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVT162244GX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  74LVT162244GX Datasheet HTML 1Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 2Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 3Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 4Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 5Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 6Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 7Page - Fairchild Semiconductor 74LVT162244GX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
Package Number MS48A


Numéro de pièce similaire - 74LVT162244GX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LVT162244G ONSEMI-74LVT162244G Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
74LVT162244G ONSEMI-74LVT162244G Datasheet
202Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver
Revised June 2005
More results

Description similaire - 74LVT162244GX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH162240 FAIRCHILD-74LVTH162240 Datasheet
80Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74ABT2244 FAIRCHILD-74ABT2244_07 Datasheet
281Kb / 10P
   Octal Buffer/Line Driver with 25ohm Series Resistors in the Outputs
74LVT162245 FAIRCHILD-74LVT162245 Datasheet
78Kb / 9P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74ABT162244 FAIRCHILD-74ABT162244 Datasheet
92Kb / 7P
   16-Bit Buffer/Line Driver with 25??Series Resistors in the Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74LCX162244 FAIRCHILD-74LCX162244 Datasheet
217Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with 26ohm Series Resistors in Outputs
74FR16540 FAIRCHILD-74FR16540 Datasheet
52Kb / 6P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com