Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPCDS-D-SEC2 Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc.

No de pièce TPCDS-D-SEC2
Description  Telpower Compact Fused Disconnect Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

TPCDS-D-SEC2 Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc.

  TPCDS-D-SEC2 Datasheet HTML 1Page - Cooper Bussmann, Inc. TPCDS-D-SEC2 Datasheet HTML 2Page - Cooper Bussmann, Inc. TPCDS-D-SEC2 Datasheet HTML 3Page - Cooper Bussmann, Inc. TPCDS-D-SEC2 Datasheet HTML 4Page - Cooper Bussmann, Inc. TPCDS-D-SEC2 Datasheet HTML 5Page - Cooper Bussmann, Inc. TPCDS-D-SEC2 Datasheet HTML 6Page - Cooper Bussmann, Inc. TPCDS-D-SEC2 Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
The only controlled copy of this Data Sheet is the electronic read-only version located on the Bussmann Network Drive. All other copies of this document are by definition uncontrolled. This bulletin
is intended to clearly present comprehensive product data and provide technical information that will help the end user with design applications. Bussmann reserves the right, without notice, to change
design or construction of any products and to discontinue or limit distribution of any products. Bussmann also reserves the right to change or update, without notice, any technical information contained
in this bulletin. Once a product has been selected, it should be tested by the user in all possible applications.
Bussmann
®
Telpower® Compact Fused Disconnect Switch
TPC & TPCDS
Telpower® DC Power Protection Systems
DIN Rail Fused Disconnect Switch
• 35mm DIN rail mountable
• Front access.
• Three terminal style configurations available (see below).
• Screw clamp accepts 10 to 1 AWG (6mm2 - 50mm2) wire.
• Two remote alarm terminal positions available.
Terminal Style (select one)
BB -
Bullet contact on the line
Bullet contact on the load
BS -
Bullet contact on the line
Stud terminal on the load
SS -
Stud terminal on the line
Stud terminal on the load
Thread (select one)
M -
Metric threads for panel mount
fasteners (M3) and stud (M5)
E -
English threads for panel mount
fasteners (6-32) and stud (10-32)
Remote Alarm Terminal Distance
(select one)
1 -
.645 inch from line terminal
2 -
.970 inch from line terminal
3 -
1.285 inch from line terminal
Terminal Style (select one)
CC -
Screw Clamp terminal on the line
Screw Clamp terminal on the load
BC -
Bullet contact on the line
Screw Clamp terminal on the load
SEC - Stud terminal on the line
English threads for stud (10-32)
Screw Clamp terminal on the load
SMC -Stud terminal on the line
Metric threads for stud (M5)
Screw Clamp terminal on the load
Remote Alarm Terminal Location
(select one)
1 -
Side ouput
(available on CC and BC terminal styles)
2 -
Bottom output, .970 inch
from line terminal
(available on BC terminal style only)
Part Number System --
Compact Fused Disconnect Switch
To identify part number, replace block with appropriate suffix to
identify line and load terminals, thread type, and alarm terminal
distance.
TPCDS
- TELPOWER® Compact Fused Disconnect Switch
Part Number System --
DIN Rail Fused Disconnect Switch
To identify part number, replace block with appropriate suffix
to identify line and load terminals, thread type if applicable,
and alarm terminal option.
TPCDS
- TELPOWER® Compact Fused Disconnect
S
witch D - DIN-Rail style product
TPCDS -
-
TPCDS - D -
Form No. TPC & TPCDS
Page 2 of 7
Data Sheet: 5023
3-26-03
SB03069
Compact Fused Disconnect Switch
• Bullet and / or stud terminals for line and load connections
(1.940 inch / 49.3 mm spacing).
• Front access with bullet terminals.
Rear access with stud terminals.
• Three terminal style configurations available (see below).
• Remote alarm terminal available in three positions common
to dc circuit protection devices.
Look for Telpower® BLUE™ fuses exclusively from Cooper Bussmann.


Numéro de pièce similaire - TPCDS-D-SEC2

FabricantNo de pièceFiches techniqueDescription
logo
TECH PUBLIC Electronics...
TPCDSOD323-T05SC TECHPUBLIC-TPCDSOD323-T05SC Datasheet
1Mb / 4P
   Bl-directional TVS Diode
TPCDSOD323-T12SC TECHPUBLIC-TPCDSOD323-T12SC Datasheet
1Mb / 4P
   Bl-directional TVS Diode
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
   Asymmetrical TVS Diode
TPCDSOT23-SRV05-4 TECHPUBLIC-TPCDSOT23-SRV05-4 Datasheet
1Mb / 4P
   Low Capactiance 4-Line TVS Array
More results

Description similaire - TPCDS-D-SEC2

FabricantNo de pièceFiches techniqueDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPM-3 COOPER-TPM-3 Datasheet
442Kb / 4P
   Telpower짰 Miniature Fused Disconnect Switch
SM363FG COOPER-SM363FG Datasheet
1Mb / 32P
   Safety Module fused disconnect switch
CCP-1-30CC COOPER-CCP-1-30CC Datasheet
2Mb / 12P
   Compact Circuit Protector DIN-Rail fused disconnect switches
logo
Littelfuse
LAS LITTELFUSE-LAS Datasheet
159Kb / 1P
   24V COMPACT SPST MANUAL BATTERY DISCONNECT SWITCH
2022 Littelfuse, Inc.
logo
Cooper Bussmann, Inc.
BDS210 COOPER-BDS210 Datasheet
85Kb / 2P
   Disconnect Switch
logo
Littelfuse
48513 LITTELFUSE-48513 Datasheet
403Kb / 2P
   COMPACT LOW VOLTAGE DISCONNECT
2019 Rev: 020419
logo
Vishay Siliconix
SI9717 VISHAY-SI9717 Datasheet
41Kb / 3P
   Battery Disconnect Switch
Rev. D, 19-Apr-04
logo
Littelfuse
LS7R0250 LITTELFUSE-LS7R0250 Datasheet
916Kb / 2P
   Dc Disconnect Switch
2021 Rev: 041122
logo
Vishay Siliconix
SI9718CY VISHAY-SI9718CY Datasheet
64Kb / 3P
   Battery Disconnect Switch
Rev. E, 05-Apr-99
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com