Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVTH162245MEA Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LVTH162245MEA
Description  Low Voltage 16-Bit Transceiver with 3-STATE Outputs and 25ohm Series Resistors in A Port Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVTH162245MEA Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LVTH162245MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LVTH162245MEA Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
www.fairchildsemi.com
2
Logic Symbol
Connection Diagrams
Pin Assignments for SSOP and TSSOP
Pin Assignment for FBGA
(Top Thru View)
Pin Descriptions
FBGA Pin Assignments
Truth Tables
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
Pin Names
Description
OEn
Output Enable Input (Active LOW)
T/Rn
Transmit/Receive Input
A0–A15
Side A Inputs/3-STATE Outputs
B0–B15
Side B Inputs/3-STATE Outputs
NC
No Connect
1
234
56
A
B0
NC
T/R1
OE1
NC
A0
B
B2
B1
NC
NC
A1
A2
C
B4
B3
VCC
VCC
A3
A4
D
B6
B5
GND
GND
A5
A6
E
B8
B7
GND
GND
A7
A8
F
B10
B9
GND
GND
A9
A10
G
B12
B11
VCC
VCC
A11
A12
H
B14
B13
NC
NC
A13
A14
J
B15
NC
T/R2
OE2
NC
A15
Inputs
Outputs
OE1
T/R1
LL
Bus B0–B7 Data to Bus A0–A7
LH
Bus A0–A7 Data to Bus B0–B7
H
X
HIGH-Z State on A0–A7, B0–B7
Inputs
Outputs
OE2
T/R2
LL
Bus B8–B15 Data to Bus A8–A15
LH
Bus A8–A15 Data to Bus B8–B15
H
X
HIGH-Z State on A8–A15, B8–B15


Numéro de pièce similaire - 74LVTH162245MEA

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LVTH162245MEA ONSEMI-74LVTH162245MEA Datasheet
207Kb / 11P
   Low Voltage 16-Bit Transceiver
Revised June 2005
More results

Description similaire - 74LVTH162245MEA

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVTH162373 FAIRCHILD-74LVTH162373 Datasheet
86Kb / 7P
   Low Voltage 16-Bit Transparent Latch with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT162244 FAIRCHILD-74LVT162244 Datasheet
51Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT322245 FAIRCHILD-74LVT322245 Datasheet
67Kb / 6P
   Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25??Series Resistors in A Port Outputs
74LVTH162240 FAIRCHILD-74LVTH162240 Datasheet
80Kb / 6P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3-STATE Outputs and 25ohm Series Resistors in the Outputs
74LVT2240 FAIRCHILD-74LVT2240_05 Datasheet
111Kb / 7P
   Low Voltage Inverting Octal Buffer/Line Driver with 3-STATE Outputs and 25OHM Series Resistors in the Outputs
74ALVC162245 FAIRCHILD-74ALVC162245 Datasheet
86Kb / 6P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26??Series Resistors in A Port Outputs
74VCX162245 FAIRCHILD-74VCX162245 Datasheet
146Kb / 9P
   Low Voltage 16-Bit Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in A Port Outputs
74LVT16245 FAIRCHILD-74LVT16245 Datasheet
76Kb / 8P
   Low Voltage 16-Bit Transceiver with 3-STATE Outputs
74LVTH16646 FAIRCHILD-74LVTH16646 Datasheet
89Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
74LVTH16652 FAIRCHILD-74LVTH16652 Datasheet
87Kb / 9P
   Low Voltage 16-Bit Transceiver/Register with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com