Moteur de recherche de fiches techniques de composants électroniques |
|
0-1393824-8 Fiches technique(PDF) 7 Page - Tyco Electronics |
|
0-1393824-8 Fiches technique(HTML) 7 Page - Tyco Electronics |
7 / 9 page Cradle Relay Accessories and Mounting Mounting hole layot for sockets with PCB terminals Basic grid 2.5 mm according to EN 60097 Dimension drawing (in mm) Fixing of the socket AM 1.6 x ... DIN 84 (Screw length = Dimension a + 7.5 mm 1.7 DIN 433 BM 1.6 DIN 439 Size I Size II Size II View onto the terminals M = Earth terminal a) Hole for mechanical armature actuation, if required b) Hole for the socket mounting with screw M1.6 Page 7 (9) 108-98016 Rev. B |
Numéro de pièce similaire - 0-1393824-8 |
|
Description similaire - 0-1393824-8 |