Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FZT851TA Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce FZT851TA
Description  60V NPN MEDIUM POWER TRANSISTOR IN SOT223
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT851TA Fiches technique(HTML) 6 Page - Diodes Incorporated

  FZT851TA Datasheet HTML 1Page - Diodes Incorporated FZT851TA Datasheet HTML 2Page - Diodes Incorporated FZT851TA Datasheet HTML 3Page - Diodes Incorporated FZT851TA Datasheet HTML 4Page - Diodes Incorporated FZT851TA Datasheet HTML 5Page - Diodes Incorporated FZT851TA Datasheet HTML 6Page - Diodes Incorporated FZT851TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FZT851
Document Number DS33174 Rev. 3 - 2
6 of 7
www.diodes.com
January 2013
© Diodes Incorporated
FZT851
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT223
Dim
Min
Max
Typ
A
1.55
1.65
1.60
A1
0.010 0.15
0.05
b1
2.90
3.10
3.00
b2
0.60
0.80
0.70
C
0.20
0.30
0.25
D
6.45
6.55
6.50
E
3.45
3.55
3.50
E1
6.90
7.10
7.00
e
4.60
e1
2.30
L
0.85
1.05
0.95
Q
0.84
0.94
0.89
All Dimensions in mm
Dimensions Value (in mm)
X1
3.3
X2
1.2
Y1
1.6
Y2
1.6
C1
6.4
C2
2.3
A1
A
X2
C1
C2
X1
Y2
Y1


Numéro de pièce similaire - FZT851TA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FZT851TA DIODES-FZT851TA Datasheet
455Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR
More results

Description similaire - FZT851TA

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
FZT491 DIODES-FZT491_15 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT491 DIODES-FZT491_12 Datasheet
169Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
FZT851 DIODES-FZT851_15 Datasheet
584Kb / 7P
   60V NPN MEDIUM POWER TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T851G ZETEX-ZX5T851G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
FZT493A DIODES-FZT493A Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN19060CG DIODES-ZXTN19060CG Datasheet
324Kb / 8P
   60V NPN low sat medium power transistor in SOT223
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
FZT493A DIODES-FZT493A_15 Datasheet
515Kb / 7P
   60V NPN MEDIUM POWER HIGH GAIN TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com