Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ374 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LVQ374
Description  Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ374 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LVQ374 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ374 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ374 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ374 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ374 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ374 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ374
Low Voltage Octal D-Type Flip-Flop with 3-STATE
Outputs
General Description
The LVQ374 is a high-speed, low-power octal D-type flip-flop
featuring separate D-type inputs for each flip-flop and
3-STATE outputs for bus-oriented applications. A buffered
Clock (CP) and Output Enable (OE) are common to all
flip-flops.
Features
n Ideal for low power/low noise 3.3V applications
n Implements patented EMI reduction circuitry
n Available in SOIC JEDEC, SOIC EIAJ and QSOP
packages
n Guaranteed simultaneous switching noise level and
dynamic threshold performance
n Improved latch-up immunity
n Guaranteed incident wave switching into 75
n 4 kV minimum ESD immunity
n Buffered positive edge-triggered clock
n 3-STATE outputs drive bus lines or buffer memory
address registers
Ordering Code:
Order Number
Package Number
Package Description
74LVQ374SC
M20B
20-Lead (0.300" Wide) Molded Small Outline Package, SOIC JEDEC
74LVQ374SJ
M20D
20-Lead Molded Shrink Small Outline Package, SOIC EIAJ
74LVQ374QSC
MQA20
20-Lead (0.150" Wide) Molded Shrink Small Outline Package, SOIC JEDEC
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Logic Symbols
Connection Diagram
DS011360-1
IEEE/IEC
DS011360-2
Pin Assignment for
SOIC and QSOP
DS011360-3
May 1998
© 1998 Fairchild Semiconductor Corporation
DS011360
www.fairchildsemi.com


Numéro de pièce similaire - 74LVQ374

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74LVQ374 STMICROELECTRONICS-74LVQ374 Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
74LVQ374MTR STMICROELECTRONICS-74LVQ374MTR Datasheet
289Kb / 13P
   OCTAL D-TYPE FLIP-FLOP WITH 3 STATE OUTPUTS NON INVERTING
logo
Fairchild Semiconductor
74LVQ374QSC FAIRCHILD-74LVQ374QSC Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVQ374SC FAIRCHILD-74LVQ374SC Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Description similaire - 74LVQ374

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVT374 FAIRCHILD-74LVT374 Datasheet
69Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574 Datasheet
109Kb / 8P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
81Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT574 FAIRCHILD-74LVT574_08 Datasheet
349Kb / 11P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVT374 FAIRCHILD-74LVT374_08 Datasheet
314Kb / 10P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574 FAIRCHILD-74LVX574_05 Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX374 FAIRCHILD-74LVX374 Datasheet
93Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
74LVTH374 ONSEMI-74LVTH374 Datasheet
306Kb / 12P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
January 2008 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVQ374 FAIRCHILD-74LVQ374_01 Datasheet
74Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com