Moteur de recherche de fiches techniques de composants électroniques |
|
ST13003K Fiches technique(PDF) 1 Page - STMicroelectronics |
|
ST13003K Fiches technique(HTML) 1 Page - STMicroelectronics |
1 / 10 page June 2011 Doc ID 13533 Rev 4 1/10 10 ST13003-K High voltage fast-switching NPN power transistor Features ■ High voltage capability ■ Low spread of dynamic parameters ■ Very high switching speed Applications ■ Electronic ballast for fluorescent lighting (CFL) ■ SMPS for battery charger Description The device is manufactured using high voltage multi-epitaxial planar technology for high switching speeds and high voltage capability. It uses a cellular emitter structure with planar edge termination to enhance switching speeds while maintaining the wide RBSOA. Figure 1. Internal schematic diagram SOT-32 3 2 1 Table 1. Device summary Part number Marking Package Packaging ST13003-K 13003 SOT-32 Bag www.st.com |
Numéro de pièce similaire - ST13003K |
|
Description similaire - ST13003K |