Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ138SCX Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74LVQ138SCX
Description  Low Voltage 1-of-8 Decoder/Demultiplexer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ138SCX Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74LVQ138SCX Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 6Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 7Page - Fairchild Semiconductor 74LVQ138SCX Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AC Electrical Characteristics
Symbol
Parameter
VCC
(V)
TA = +25˚C
CL = 50 pF
TA = −40˚C to +85˚C
CL = 50 pF
Units
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
2.7
1.5
10.2
18.3
1.5
21.0
ns
An to On
3.3 ±0.3
1.5
8.5
13.0
1.5
15.0
tPHL
Propagation Delay
2.7
1.5
9.6
17.6
1.5
20.0
ns
An to On
3.3 ±0.3
1.5
8.0
12.5
1.5
14.0
tPLH
Propagation Delay
2.7
1.5
13.2
21.0
1.5
23.0
ns
E1 or E2 to On
3.3 ±0.3
1.5
11.0
15.0
1.5
16.0
tPHL
Propagation Delay
2.7
1.5
11.4
19.0
1.5
21.0
ns
E1 or E2 to On
3.3 ±0.3
1.5
9.5
13.5
1.5
15.0
tPLH
Propagation Delay
2.7
1.5
13.2
21.8
1.5
23.5
ns
E3 to On
3.3 ±0.3
1.5
11.0
15.5
1.5
16.5
tPHL
Propagation Delay
2.7
1.5
10.2
18.3
1.5
20.0
ns
E3 to On
3.3 ±0.3
1.5
8.5
13.0
1.5
14.0
tOSHL,
Output to Output Skew (Note 9)
2.7
1.0
1.5
1.5
ns
tOSLH
Data to Output
3.3 ±0.3
1.0
1.5
1.5
Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The speci-
fication applies to any outputs switching in the same direction, either HIGH to LOW (tOSHL) or LOW to HIGH (tOSLH). Parameter guaranteed by design.
Capacitance
Symbol
Parameter
Typ
Units
Conditions
CIN
Input Capacitance
4.5
pF
VCC = Open
CPD (Note 10)
Power Dissipation
45
pF
VCC = 3.3V
Capacitance
Note 10: CPD is measured at 10 MHz.
5
www.fairchildsemi.com


Numéro de pièce similaire - 74LVQ138SCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVQ138SCX FAIRCHILD-74LVQ138SCX Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
More results

Description similaire - 74LVQ138SCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX138 FAIRCHILD-74LVX138 Datasheet
79Kb / 7P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX157 ONSEMI-74LVX157 Datasheet
183Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
74LCX138 ONSEMI-74LCX138 Datasheet
513Kb / 14P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised December 2013
logo
Fairchild Semiconductor
74LVQ138 FAIRCHILD-74LVQ138_01 Datasheet
71Kb / 6P
   Low Voltage 1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74LVX138 ONSEMI-74LVX138 Datasheet
185Kb / 9P
   Low Voltage 1-of-8 Decoder/Demultiplexer
Revised October 2003
logo
Integral Corp.
IN74HCT138A INTEGRAL-IN74HCT138A Datasheet
144Kb / 5P
   1-OF-8 DECODER/DEMULTIPLEXER
logo
Fairchild Semiconductor
74AC138 FAIRCHILD-74AC138 Datasheet
100Kb / 9P
   1-of-8 Decoder/Demultiplexer
logo
ON Semiconductor
74AC138 ONSEMI-74AC138 Datasheet
209Kb / 11P
   1-of-8 Decoder/Demultiplexer
Revised July 2003
MC74HC238A ONSEMI-MC74HC238A_13 Datasheet
142Kb / 9P
   1-of-8 Decoder/ Demultiplexer
June, 2013 ??Rev. 4
logo
Hitachi Semiconductor
HD74AC138 HITACHI-HD74AC138 Datasheet
66Kb / 11P
   1-of-8 Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com