Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ08 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LVQ08
Description  Low Voltage Quad 2-Input AND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ08 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LVQ08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVQ08 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
74LVQ08
Low Voltage Quad 2-Input AND Gate
General Description
The LVQ08 contains four, 2-input AND gates.
Features
n
Ideal for low power/low noise 3.3V applications
n
Guaranteed simultaneous switching noise level and
dynamic threshold performance
n
Guaranteed pin-to-pin skew AC performance
n
Guaranteed incident wave switching into 75
Ordering Code:
Order Number
Package Number
Package Description
74LVQ08SC
M14A
14-Lead (0.150" Wide) Molded Small Outline Package, SOIC JEDEC
74LVQ08SJ
M14D
14-Lead Molded Small Outline Package, SOIC EIAJ
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Connection Diagram
Pin Descriptions
Pin Names
Description
A
n,Bn
Inputs
O
n
Outputs
IEEE/IEC
DS011344-1
Pin Assignment
for SOIC JEDEC and EIAJ
DS011344-2
April 1998
© 1998 Fairchild Semiconductor Corporation
DS011344
www.fairchildsemi.com


Numéro de pièce similaire - 74LVQ08

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVQ08 STMICROELECTRONICS-74LVQ08 Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74LVQ08 FAIRCHILD-74LVQ08 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
STMicroelectronics
74LVQ08M STMICROELECTRONICS-74LVQ08M Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
74LVQ08MTR STMICROELECTRONICS-74LVQ08MTR Datasheet
213Kb / 11P
   QUAD 2-INPUT AND GATE
logo
Fairchild Semiconductor
74LVQ08SC FAIRCHILD-74LVQ08SC Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
More results

Description similaire - 74LVQ08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08_14 Datasheet
173Kb / 7P
   Low Voltage Quad 2-Input AND Gate
74LVX08 FAIRCHILD-74LVX08_08 Datasheet
307Kb / 8P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74LVX08 ONSEMI-74LVX08 Datasheet
239Kb / 8P
   Low Voltage Quad 2-Input AND Gate
June 2014 Rev. 1.5.0
logo
Fairchild Semiconductor
74LVX08 FAIRCHILD-74LVX08 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input AND Gate
74LVQ08 FAIRCHILD-74LVQ08_01 Datasheet
51Kb / 5P
   Low Voltage Quad 2-Input AND Gate
logo
ON Semiconductor
74ALVC08 ONSEMI-74ALVC08 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input AND Gate
Revised February 2005
74VCX08 ONSEMI-74VCX08 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input AND Gate
December 2013 Rev. 1.9.1
74VCX86 ONSEMI-74VCX86 Datasheet
665Kb / 11P
   Low Voltage Quad 2-Input AND Gate
Revised December 2013
logo
Motorola, Inc
MC74LCX08 MOTOROLA-MC74LCX08 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
MC74LVQ08 MOTOROLA-MC74LVQ08 Datasheet
178Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com