Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVQ00SC Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LVQ00SC
Description  Low Voltage Quad 2-Input NAND Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVQ00SC Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LVQ00SC Datasheet HTML 1Page - Fairchild Semiconductor 74LVQ00SC Datasheet HTML 2Page - Fairchild Semiconductor 74LVQ00SC Datasheet HTML 3Page - Fairchild Semiconductor 74LVQ00SC Datasheet HTML 4Page - Fairchild Semiconductor 74LVQ00SC Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Note 3: All outputs loaded; thresholds on input associated with output under test.
Note 4: Maximum test duration 2.0 ms, one output loaded at a time.
Note 5: Incident wave switching on transmission lines with impedances as low as 75
Ω for commercial temperature range is guaranteed for 74LVQ.
Note 6: Worst case package.
Note 7: Max number of outputs defined as (n). Data inputs are driven 0V to 3.3V; one output at GND.
Note 8: Max number of Data Inputs (n) switching. (n
− 1) inputs switching 0V to 3.3V. Input-under-test switching: 3.3V to threshold (V
ILD), 0V to threshold
(VIHD), f = 1 MHz.
Supply Voltage (VCC)
−0.5V to +7.0V
DC Input Diode Current (IIK)
VI = −0.5V
−20 mA
VI = VCC + 0.5V
+20 mA
DC Input Voltage (VI)
−0.5V to V
CC + 0.5V
DC Output Diode Current (IOK)
VO = −0.5V
−20 mA
VO = VCC + 0.5V
+20 mA
DC Output Voltage (VO)
−0.5V to V
CC + 0.5V
DC Output Source or Sink Current (IO)
±50 mA
DC VCC or Ground Current
(ICC or IGND)
±200 mA
Storage Temperature (TSTG)
−65°C to +150°C
DC Latch-Up Source or Sink Current
±100 mA
Supply Voltage (VCC)
2.0V to 3.6V
Input Voltage (VI)
0V to VCC
Output Voltage (VO)
0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Minimum Input Edge Rate (
∆V/∆t)
VIN from 0.8V to 2.0V
VCC @ 3.0V
125 mV/ns
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Typ
Guaranteed Limits
VIH
Minimum High Level
3.0
1.5
2.0
2.0
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VIL
Maximum Low Level
3.0
1.5
0.8
0.8
V
VOUT = 0.1V
Input Voltage
or VCC − 0.1V
VOH
Minimum High Level
3.0
2.99
2.9
2.9
V
IOUT = −50 µA
Output Voltage
3.0
2.58
2.48
VIN = VIL or VIH
IOH = −12 mA (Note 3)
VOL
Maximum Low Level
3.0
0.002
0.1
0.1
V
IOUT = 50 µA
Output Voltage
3.0
0.36
0.44
VIN = VIL or VIH
IOL = 12 mA (Note 3)
IIN
Maximum Input
3.6
±0.1
±1.0
µAV
I = VCC, GND
Leakage Current
IOLD
Minimum Dynamic
3.6
36
mA
VOLD = 0.8V Max (Note 5)
IOHD
Output Current (Note 4)
3.6
−25
VOHD = 2.0V Min (Note 5)
ICC
Maximum Quiescent
3.6
2.0
20.0
µA
VIN = VCC
Supply Current
or GND
VOLP
Quiet Output
3.3
0.6
1.0
V
(Note 6)(Note 7)
Maximum Dynamic VOL
VOLV
Quiet Output
3.3
−0.5
−1.0
V
(Note 6)(Note 7)
Minimum Dynamic VOL
VIHD
Maximum High Level
3.3
1.5
2.0
V
(Note 6)(Note 8)
Dynamic Input Voltage
VILD
Maximum Low Level
3.3
1.5
0.8
V
(Note 6)(Note 8)
Dynamic Input Voltage


Numéro de pièce similaire - 74LVQ00SC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LVQ00 STMICROELECTRONICS-74LVQ00 Datasheet
56Kb / 8P
   QUAD 2-INPUT NAND GATE
February 1999
74LVQ00 STMICROELECTRONICS-74LVQ00 Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
74LVQ00M STMICROELECTRONICS-74LVQ00M Datasheet
56Kb / 8P
   QUAD 2-INPUT NAND GATE
February 1999
74LVQ00MTR STMICROELECTRONICS-74LVQ00MTR Datasheet
285Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE
74LVQ00T STMICROELECTRONICS-74LVQ00T Datasheet
56Kb / 8P
   QUAD 2-INPUT NAND GATE
February 1999
More results

Description similaire - 74LVQ00SC

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74VCX00 ONSEMI-74VCX00 Datasheet
643Kb / 13P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
logo
Fairchild Semiconductor
74LVX00 FAIRCHILD-74LVX00 Datasheet
62Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
logo
ON Semiconductor
74ALVC00 ONSEMI-74ALVC00 Datasheet
200Kb / 6P
   Low Voltage Quad 2-Input NAND Gate
Revised February 2005
74LVX00 ONSEMI-74LVX00 Datasheet
222Kb / 8P
   Low Voltage Quad 2-Input NAND Gate
February 2008 Rev. 1.4.0
74LCX00 ONSEMI-74LCX00 Datasheet
750Kb / 14P
   Low Voltage Quad 2-Input NAND Gate
December 2013 Rev. 1.7.1
MC74LCX00DTR2G ONSEMI-MC74LCX00DTR2G Datasheet
156Kb / 7P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2012 ??Rev. 8
74LVC08A ONSEMI-74LVC08A Datasheet
94Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
MC74LCX00 ONSEMI-MC74LCX00 Datasheet
135Kb / 7P
   LOW-VOLTAGE CMOS QUAD 2-INPUT NAND GATE
1996 REV 1
74LVC32A ONSEMI-74LVC32A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
74LVC02A ONSEMI-74LVC02A Datasheet
95Kb / 8P
   Low-Voltage CMOS Quad 2-Input NAND Gate
September, 2015 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com