Moteur de recherche de fiches techniques de composants électroniques |
|
ILCX20-GJ2F18-20.000 Fiches technique(PDF) 1 Page - ILSI America LLC |
|
ILCX20-GJ2F18-20.000 Fiches technique(HTML) 1 Page - ILSI America LLC |
1 / 2 page 4 Pad Ceramic Package Quartz Crystal, 1.2 mm x 1.6 mm ILCX20 Series ILSI America Phone: 775-851-8880 • Fax: 775-851-8882• e-mail: e-mail@ilsiamerica.com • www.ilsiamerica.com 05/24/12 Specifications subject to change without notice Page 1 1 4 3 2 1.6 +/-0.05 0.40 +/-0.05 1.25 +/-0.05 2 3 1 4 Dimension Units: mm Connection diagram Recommended pad layout 2 3 1 4 0.5 0.6 4 1 3 2 GND GND 0.4 +/-0.1 0.5 +/-0.1 0.5 0.3 0.5 0.3 Product Features: Applications: Low Cost SMD Package Fibre Channel Ultra Miniature Package Server & Storage Compatible with Leadfree Processing Sonet /SDH 802.11 / Wifi T1/E1, T3/E3 * Not available at all frequencies. ** Not available for all temperature ranges. Frequency 26 MHz to 60 MHz ESR (Equivalent Series Resistance) 26.0 MHz – 39.9 MHz 40.0 MHz – 60.0 MHz 150 Max. 100 Max. Shunt Capacitance (C0) 5.0 pF Max. Frequency Tolerance @ 25 C 30 ppm Standard (see Part Number Guide for more options) Frequency Stability over Temperature 50 ppm Standard (see Part Number Guide for more options) Crystal Cut AT Cut Load Capacitance 8 pF Standard Drive Level 100 µW Max. Aging 5 ppm Max. / Year Standard Temperature Operating -10 C to +60 C (see Part Number Guide for more options) Storage -40 C to +85 C Part Number Guide Sample Part Number: ILCX20 - FB1F8 - 20.000 Package Tolerance (ppm) at Room Temperature Stability (ppm) over Operating Temperature Operating Temperature Range Mode (overtone) Load Capacitance (pF) Frequency ILCX20 - B = ±50 ppm B = ±50 ppm 0 = 0°C to +50°C F = Fundamental 18 pF Standard Or Specify - 20.000 MHz F = ±30 ppm F = ±30 ppm 1 = 0°C to +70°C G = ±25 ppm G = ±25 ppm 2 = -10°C to +60°C H = ±20 ppm H = ±20 ppm 3 = -20°C to +70°C I = ±15 ppm I = ±15 ppm** 5 = -40°C to +85°C J = ±10 ppm* J = ±10 ppm** 9 = -10°C to +50°C |
Numéro de pièce similaire - ILCX20-GJ2F18-20.000 |
|
Description similaire - ILCX20-GJ2F18-20.000 |