Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX374 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74LCX374
Description  Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX374 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74LCX374 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX374 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.fairchildsemi.com
2
Logic Symbol
Connection Diagrams
Pin Assignments for
SOIC, SOP, SSOP, TSSOP
Pad Assignments for DQFN
(Top View)
Pin Descriptions
Truth Table
H
HIGH Voltage Level
L
LOW Voltage Level
X
Immaterial
Z
High Impedance
 LOW-to-HIGH Transition
O0 Previous O0 before HIGH-to-LOW of CP
Functional Description
The LCX374 consists of eight edge-triggered flip-flops with
individual D-type inputs and 3-STATE true outputs. The
buffered clock and buffered Output Enable are common to
all flip-flops. The eight flip-flops will store the state of their
individual D inputs that meet the setup and hold time
requirements on the LOW-to-HIGH Clock (CP) transition.
With the Output Enable (OE) LOW, the contents of the
eight flip-flops are available at the outputs. When the OE is
HIGH, the outputs go to the high impedance state. Opera-
tion of the OE input does not affect the state of the flip-
flops.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
Output Enable Input
O0–O7
3-STATE Outputs
Inputs
Outputs
Dn
CP
OE
On
H

LH
L

LL
XL
L
O0
XX
HZ


Numéro de pièce similaire - 74LCX374

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
74LCX374 MOTOROLA-74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
logo
ON Semiconductor
74LCX374 ONSEMI-74LCX374 Datasheet
158Kb / 8P
   LOW-VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP
1996 REV 3
logo
STMicroelectronics
74LCX374 STMICROELECTRONICS-74LCX374 Datasheet
74Kb / 10P
   OCTAL D-TYPE FLIP FLOP NON INVERTING 3-STATE WITH 5V TOLERANT INPUTS AND OUTPUTS
February 1999
logo
Toshiba Semiconductor
74LCX374 TOSHIBA-74LCX374 Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
More results

Description similaire - 74LCX374

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX574 FAIRCHILD-74LCX574 Datasheet
767Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX374F TOSHIBA-TC74LCX374F Datasheet
326Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC7MZ374FK TOSHIBA-TC7MZ374FK Datasheet
260Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX574F TOSHIBA-TC74LCX574F Datasheet
304Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
74LCX374 NSC-74LCX374 Datasheet
149Kb / 8P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX273 NSC-74LCX273 Datasheet
63Kb / 2P
   Low-Voltage Octal D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_08 Datasheet
671Kb / 15P
   74LCX374 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com