Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX2244MSA Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LCX2244MSA
Description  Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs with 26ohm Series Resistors in the Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX2244MSA Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LCX2244MSA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX2244MSA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© 2003 Fairchild Semiconductor Corporation
DS012569
www.fairchildsemi.com
October 1995
Revised May 2003
74LCX2244
Low Voltage Buffer/Line Driver with 5V Tolerant Inputs
and Outputs with 26
Ω Series Resistors in the Outputs
General Description
The LCX2244 contains eight non-inverting buffers with
3-STATE outputs. The device may be employed as a mem-
ory address driver, clock driver and bus-oriented transmit-
ter/receiver. The LCX2244 is designed for low voltage
(2.5V or 3.3V) VCC applications with capability of interfac-
ing to a 5V signal environment. The 26
Ω series resistors
help reduce output overshoot and undershoot.
The LCX2244 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V to 3.6V VCC specifications provided
s 7.5 ns tPD max (VCC = 3.3V) 10 µA ICC max
s Power down high impedance inputs and outputs
s 26
Ω-series resistors in the outputs
s Supports live insertion/withdrawal (Note 1)
s
±12 mA output drive (V
CC = 3.0V)
s Implements patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
> 2000V
Machine model
> 200V
s Leadless DQFN package
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Devices also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code.
Order Number
Package
Number
Package Description
74LCX2244WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCX2244SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX2244BQ
(Preliminary)
MLP020B
(Preliminary)
20-Terminal Depopulated Quad Very-Thin Flat Pack No Leads (DQFN), JEDEC MO-241,
2.5 x 4.5mm
74LCX2244MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCX2244MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide


Numéro de pièce similaire - 74LCX2244MSA

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX2244MSA ONSEMI-74LCX2244MSA Datasheet
296Kb / 13P
   Low Voltage Buffer/Line Driver
Revised May 2003
More results

Description similaire - 74LCX2244MSA

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCXZ162244 FAIRCHILD-74LCXZ162244_05 Datasheet
94Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74LCXZ162244 FAIRCHILD-74LCXZ162244 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Buffer/Line Driver with 5V Tolerant Inputs/Outputs and 26??Series Resistors in the Outputs
74VCX162240 FAIRCHILD-74VCX162240_05 Datasheet
161Kb / 8P
   Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs and 26ohm Series Resistors in Outputs
74LCXZ2245 FAIRCHILD-74LCXZ2245_05 Datasheet
122Kb / 11P
   Low Voltage Bidirectional Transceiver with 5V Tolerant Inputs and Outputs and 26ohm Series Resistors in B Outputs
logo
ON Semiconductor
74LCX244 ONSEMI-74LCX244 Datasheet
701Kb / 16P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.12.2
logo
Fairchild Semiconductor
74LCX244 FAIRCHILD-74LCX244 Datasheet
432Kb / 12P
   Low Voltage Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74VCX162839 FAIRCHILD-74VCX162839_00 Datasheet
75Kb / 7P
   Low Voltage 20-Bit Selectable Register/Buffer with 3.6V Tolerant Inputs/Outputs and 26ohm Series Resistors in the Outputs
74LCX240 FAIRCHILD-74LCX240_08 Datasheet
442Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com