Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX16646MTD Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74LCX16646MTD
Description  Low Voltage 16-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16646MTD Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74LCX16646MTD Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16646MTD Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.fairchildsemi.com
4
Functional Description
In the transceiver mode, data present at the HIGH imped-
ance port may be stored in either the A or B register or
both. The select (SABn, SBAn) controls can multiplex
stored and real-time. The examples shown below demon-
strate the four fundamental bus-management functions
that can be performed.
The direction control (DIRn) determines which bus will
receive data when OEn is LOW. In the isolation mode (OEn
HIGH), A data may be stored in one register and/or B data
may be stored in the other register. When an output func-
tion is disabled, the input function is still enabled and may
be used to store and transmit data. Only one of the two
busses, A or B, may be driven at a time.
Real-Time Transfer
Bus B to Bus A
Real-Time Transfer
Bus A to Bus B
Transfer Storage
Data to A or B
Storage
OE DIR CPAB CPBA SAB SBA
LL
X
X
X
L
OE DIR CPAB CPBA SAB SBA
LH
X
X
L
X
OE DIR CPAB CPBA SAB SBA
LL
X
H or L
X
H
LH
H or L
X
H
X
OE DIR CPAB CPBA SAB SBA
LH

XL
X
LX
X

XL
HX

XX
X
HX
X

XX


Numéro de pièce similaire - 74LCX16646MTD

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX16646MTD ONSEMI-74LCX16646MTD Datasheet
228Kb / 12P
   Low Voltage 16-Bit Transceiver/Register
Revised August 2002
More results

Description similaire - 74LCX16646MTD

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74LCX16646AFT TOSHIBA-TC74LCX16646AFT Datasheet
390Kb / 12P
   LOW VOLTAGE 16-BIT TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74LCX16652AFT TOSHIBA-TC74LCX16652AFT Datasheet
394Kb / 12P
   LOW VOLTAGE 16-BIT BUS TRANSCEIVER/REGISTER WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX652 ONSEMI-74LCX652 Datasheet
214Kb / 12P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
Revised March 2001
logo
Fairchild Semiconductor
74LCX16652 FAIRCHILD-74LCX16652 Datasheet
93Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX652 FAIRCHILD-74LCX652 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX16652 FAIRCHILD-74LCX16652_01 Datasheet
108Kb / 10P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCX32652 FAIRCHILD-74LCX32652 Datasheet
468Kb / 11P
   Low Voltage Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX32646 FAIRCHILD-74LCX32646 Datasheet
507Kb / 11P
   Low Voltage 32-Bit Transceiver/Register with 5V Tolerant Inputs and Outputs (Preliminary)
74LCX646 FAIRCHILD-74LCX646 Datasheet
105Kb / 10P
   Low Voltage Octal Transceiver/Register with 5V Tolerant Inputs and Outputs
74LCXZ16245 FAIRCHILD-74LCXZ16245 Datasheet
92Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com