Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX16374MEA Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LCX16374MEA
Description  Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX16374MEA Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LCX16374MEA Datasheet HTML 1Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 2Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 3Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 4Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 5Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 6Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 7Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 8Page - Fairchild Semiconductor 74LCX16374MEA Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2005 Fairchild Semiconductor Corporation
DS012003
www.fairchildsemi.com
February 1994
Revised May 2005
74LCX16374
Low Voltage 16-Bit D-Type Flip-Flop
with 5V Tolerant Inputs and Outputs
General Description
The LCX16374 contains sixteen non-inverting D-type
flip-flops with 3-STATE outputs and is intended for bus ori-
ented applications. The device is byte controlled. A buff-
ered clock (CP) and Output Enable (OE) are common to
each byte and can be shorted together for full 16-bit opera-
tion.
The LCX16374 is designed for low voltage (2.5V or 3.3V)
VCC applications with capability of interfacing to a 5V signal
environment.
The LCX16374 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintaining
CMOS low power dissipation.
Features
s 5V tolerant inputs and outputs
s 2.3V–3.6V VCC specifications provided
s 6.2 ns tPD max (VCC 3.3V), 20 PA ICC max
s Power down high impedance inputs and outputs
s Supports live insertion/withdrawal (Note 1)
s
r24 mA output drive (VCC 3.0V)
s Uses patented noise/EMI reduction circuitry
s Latch-up performance exceeds 500 mA
s ESD performance:
Human body model
! 2000V
Machine model
! 200V
s Also packaged in plastic Fine-Pitch Ball Grid Array
(FBGA)
Note 1: To ensure the high-impedance state during power up or down, OE
should be tied to VCC through a pull-up resistor: the minimum value or the
resistor is determined by the current-sourcing capability of the driver.
Ordering Code:
Note 2: Ordering code “G” indicates Trays.
Note 3: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Logic Symbol
Order Number
Package Number
Package Description
74LCX16374G
(Note 2)(Note 3)
BGA54A
54-Ball Fine-Pitch Ball Grid Array (FBGA), JEDEC MO-205, 5.5mm Wide
74LCX16374MEA
(Note 3)
MS48A
48-Lead Small Shrink Outline Package (SSOP), JEDEC MO-118, 0.300" Wide
74LCX16374MTD
(Note 3)
MTD48
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide


Numéro de pièce similaire - 74LCX16374MEA

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
74LCX16374 STMICROELECTRONICS-74LCX16374 Datasheet
189Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
ON Semiconductor
74LCX16374 ONSEMI-74LCX16374 Datasheet
237Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
STMicroelectronics
74LCX16374TTR STMICROELECTRONICS-74LCX16374TTR Datasheet
189Kb / 10P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results

Description similaire - 74LCX16374MEA

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74LCX162374 ONSEMI-74LCX162374 Datasheet
240Kb / 12P
   Low Voltage 16-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Toshiba Semiconductor
TC74LCX16374AFT TOSHIBA-TC74LCX16374AFT Datasheet
274Kb / 7P
   LOW-VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
National Semiconductor ...
54LCX16374 NSC-54LCX16374 Datasheet
91Kb / 5P
   Low Voltage 16-Bit D Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX16821 FAIRCHILD-74LCX16821 Datasheet
80Kb / 8P
   Low Voltage 20-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX821 FAIRCHILD-74LCX821 Datasheet
90Kb / 8P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX821 ONSEMI-74LCX821 Datasheet
196Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised March 2001
74LCX16374 ONSEMI-74LCX16374 Datasheet
237Kb / 10P
   Low Voltage 10-Bit D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
Revised May 2005
logo
Fairchild Semiconductor
74LCX374 FAIRCHILD-74LCX374_07 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
74LCX374 FAIRCHILD-74LCX374_06 Datasheet
765Kb / 14P
   Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs
logo
Toshiba Semiconductor
TC7MZ574FK TOSHIBA-TC7MZ574FK Datasheet
259Kb / 7P
   LOW-VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com