Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMG4511SK4-7 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce DMG4511SK4-7
Description  This new generation MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMG4511SK4-7 Fiches technique(HTML) 1 Page - Diodes Incorporated

  DMG4511SK4-7 Datasheet HTML 1Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 2Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 3Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 4Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 5Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 6Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 7Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 8Page - Diodes Incorporated DMG4511SK4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DMG4511SK4
Document number: DS32042 Rev. 4 - 2
1 of 9
www.diodes.com
July 2011
© Diodes Incorporated
DMG4511SK4
COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(ON)
ID
TA = 25°C
35V
35m
Ω @ V
GS = 10V
13A
-35V
45m
Ω @ V
GS = -10V
-12A
Description and Applications
This new generation MOSFET has been designed to minimize the on-
state resistance (RDS(on)) and yet maintain superior switching
performance, making it ideal for high efficiency power management
applications.
Backlighting
DC-DC Converters
Power management functions
Features and Benefits
Low On-Resistance
Low Gate Threshold Voltage
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Complementary Pair MOSFET
Lead Free/RoHS Compliant (Note 1)
"Green" Device (Note 2)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: TO252-4L
Case Material: Molded Plastic, “Green” Molding Compound.
UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram Below
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.328 grams (approximate)
Ordering Information (Note 3)
Part Number
Case
Packaging
DMG4511SK4-7
TO252-4L
3000 / Tape & Reel
Notes:
1. No purposefully added lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com.
3. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
D
1
S
1
G
1
D
2
S
2
G
2
N-Channel MOSFET
P-Channel MOSFET
= Manufacturer’s Marking
G4511S = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01 – 53)
G4511S
YYWW


Numéro de pièce similaire - DMG4511SK4-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMG4511SK4 DIODES-DMG4511SK4_15 Datasheet
202Kb / 9P
   COMPLEMENTARY PAIR ENHANCEMENT MODE MOSFET
More results

Description similaire - DMG4511SK4-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
DMG4406LSS DIODES-DMG4406LSS Datasheet
232Kb / 6P
   This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
DMG7430LFG DIODES-DMG7430LFG Datasheet
223Kb / 7P
   This MOSFET has been designed to minimize the on-state resistance (RDS(on)) and yet maintain superior switching performance, making it ideal for high efficiency power management applications.
logo
Texas Instruments
CSD16408Q5C TI1-CSD16408Q5C_10 Datasheet
340Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com