Moteur de recherche de fiches techniques de composants électroniques |
|
74LCX10MTCX Fiches technique(PDF) 2 Page - Fairchild Semiconductor |
|
74LCX10MTCX Fiches technique(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page www.fairchildsemi.com 2 Absolute Maximum Ratings(Note 1) Recommended Operating Conditions (Note 3) Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The “Recom- mended Operating Conditions” table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Unused inputs must be held HIGH or LOW. They may not float. DC Electrical Characteristics Symbol Parameter Value Conditions Units VCC Supply Voltage 0.5 to 7.0 V VI DC Input Voltage 0.5 to 7.0 V VO DC Output Voltage 0.5 to VCC 0.5 Output in HIGH or LOW State (Note 2) V IIK DC Input Diode Current 50 VI GND mA IOK DC Output Diode Current 50 VO GND mA 50 VO ! VCC IO DC Output Source/Sink Current r50 mA ICC DC Supply Current per Supply Pin r100 mA IGND DC Ground Current per Ground Pin r100 mA TSTG Storage Temperature 65 to 150 qC Symbol Parameter Min Max Units VCC Supply Voltage Operating 2.0 3.6 V Data Retention 1.5 3.6 VI Input Voltage 05.5 V VO Output Voltage HIGH or LOW State 0 VCC V IOH/IOL Output Current VCC 3.0V 3.6V r24 mA VCC 2.7V - 3.0V r12 VCC 2.3V - 2.7V r8 TA Free-Air Operating Temperature 40 85 qC 't/'V Input Edge Rate, VIN 0.8V–2.0V, VCC 3.0V 0 10 ns/V Symbol Parameter Conditions VCC TA 40qC to 85qC Units (V) Min Max VIH HIGH Level Input Voltage 2.3 2.7 1.7 V 2.7 3.6 2.0 VIL LOW Level Input Voltage 2.3 2.7 0.7 V 2.7 3.6 0.8 VOH HIGH Level Output Voltage IOH 100 PA2.3 3.6 VCC 0.2 V IOH 8 mA 2.3 1.8 IOH 12 mA 2.7 2.2 IOH 18 mA 3.0 2.4 IOH 24 mA 3.0 2.2 VOL LOW Level Output Voltage IOL 100 PA2.3 3.6 0.2 V IOL 8mA 2.3 0.6 IOL 12 mA 2.7 0.4 IOL 16 mA 3.0 0.4 IOL 24 mA 3.0 0.55 II Input Leakage Current 0 d VI d 5.5V 2.3 3.6 r5.0 PA IOFF Power-Off Leakage Current VI or VO 5.5V 0 10 PA ICC Quiescent Supply Current VI VCC or GND 2.3 3.6 10 PA 3.6V d VI d 5.5V 2.3 3.6 r10 'ICC Increase in ICC per Input VIH VCC 0.6V 2.3 3.6 500 PA |
Numéro de pièce similaire - 74LCX10MTCX |
|
Description similaire - 74LCX10MTCX |