Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX08SJ Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74LCX08SJ
Description  Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX08SJ Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74LCX08SJ Datasheet HTML 1Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 2Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 3Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 4Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 5Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 6Page - Fairchild Semiconductor 74LCX08SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Loading and Waveforms Generic for LCX Family
FIGURE 1. AC Test Circuit
(CL includes probe and jig capacitance)
Waveform for Inverting and Non-Inverting Functions
Propagation Delay, Pulse Width and trec Waveforms
3-STATE Output High Enable and
Disable TImes for Logic
3-STATE Output Low Enable and
Disable Times for Logic
Setup Time, Hold TIme and Recovery TIme for Logic
trise and tfall
FIGURE 2. Waveforms
(Input Pulse Characteristics; f = 1MHz, tr = tf = 3ns)
Test
Switch
tPLH, tPHL
Open
tPZL, tPLZ
6V at VCC 3.3 r 0.3V
VCC x 2 at VCC 2.5 r 0.2V
tPZH,tPHZ
GND
Symbol
VCC
3.3V
r 0.3V
2.7V
2.5V
r 0.2V
Vmi
1.5V
1.5V
VCC/2
Vmo
1.5V
1.5V
VCC/2
Vx
VOL  0.3V
VOL  0.3V
VOL  0.15V
Vy
VOH  0.3V
VOH  0.3V
VOH  0.15V


Numéro de pièce similaire - 74LCX08SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX08SJ FAIRCHILD-74LCX08SJ Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08SJ ONSEMI-74LCX08SJ Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Fairchild Semiconductor
74LCX08SJX FAIRCHILD-74LCX08SJX Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
74LCX08SJ FAIRCHILD-74LCX08SJ_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
More results

Description similaire - 74LCX08SJ

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08_08 Datasheet
764Kb / 13P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX08 ONSEMI-74LCX08 Datasheet
745Kb / 9P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
August-2017, Rev. 2
logo
Fairchild Semiconductor
74LCX08 FAIRCHILD-74LCX08 Datasheet
611Kb / 11P
   Low Voltage Quad 2-Input AND Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
   LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
74LCX08 STMICROELECTRONICS-74LCX08 Datasheet
245Kb / 15P
   Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F Datasheet
251Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX32 FAIRCHILD-74LCX32 Datasheet
82Kb / 11P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
logo
ON Semiconductor
74LCX32 ONSEMI-74LCX32 Datasheet
755Kb / 14P
   Low Voltage Quad 2-Input OR Gate with 5V Tolerant Inputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX00 FAIRCHILD-74LCX00 Datasheet
82Kb / 7P
   Low Voltage Quad 2-Input NAND Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com