Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8479ARZ-RL Fiches technique(PDF) 3 Page - Analog Devices

No de pièce AD8479ARZ-RL
Description  Very High Common-Mode Voltage Precision Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8479ARZ-RL Fiches technique(HTML) 3 Page - Analog Devices

  AD8479ARZ-RL Datasheet HTML 1Page - Analog Devices AD8479ARZ-RL Datasheet HTML 2Page - Analog Devices AD8479ARZ-RL Datasheet HTML 3Page - Analog Devices AD8479ARZ-RL Datasheet HTML 4Page - Analog Devices AD8479ARZ-RL Datasheet HTML 5Page - Analog Devices AD8479ARZ-RL Datasheet HTML 6Page - Analog Devices AD8479ARZ-RL Datasheet HTML 7Page - Analog Devices AD8479ARZ-RL Datasheet HTML 8Page - Analog Devices AD8479ARZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet
AD8479
Rev. 0 | Page 3 of 16
SPECIFICATIONS
VS = ±15 V, REF(−) = REF(+) = 0 V, RL = 2 kΩ, TA = 25°C, unless otherwise noted.
Table 1.
A Grade
B Grade
Parameter
Test Conditions/Comments
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
VOUT = ±10 V, RL = 2 kΩ
Nominal Gain
1
1
V/V
Gain Error
0.01
0.02
0.005
0.01
%
Gain Nonlinearity
4
10
2
5
ppm
Gain Drift
TA = TMIN to TMAX
3
5
3
5
ppm/°C
OFFSET VOLTAGE
Offset Voltage
VS = ±15 V
0.5
3
0.5
1
mV
VS = ±5 V
0.5
3
0.5
1
mV
Offset Voltage Drift
TA = TMIN to TMAX
3
15
3
10
µV/°C
Power Supply Rejection
Ratio (PSRR)
VS = ±2.5 V to ±15 V
84
100
90
100
dB
INPUT
Common-Mode Rejection
Ratio (CMRR)
VCM = ±600 V dc
TA = 25°C
80
90
90
96
dB
TA = TMIN to TMAX
80
90
dB
VCM = 1200 V p-p, dc to 12 kHz
80
80
dB
Operating Voltage Range
Common-mode
±600
±600
V
Differential
±14.7
±14.7
V
Input Operating
Impedance
Common-mode
500
500
kΩ
Differential
2
2
MΩ
OUTPUT
Output Voltage Swing
RL = 2 kΩ
−VS + 0.3
+VS − 0.3
−VS + 0.3
+VS − 0.3
V
Output Short-Circuit
Current
±55
±55
mA
Capacitive Load
Stable operation
500
500
pF
DYNAMIC RESPONSE
Small Signal −3 dB
Bandwidth
130
130
kHz
Slew Rate
7.5
8
7.5
8
V/µs
Full Power Bandwidth
VOUT = 20 V p-p
100
100
kHz
Settling Time
0.01%, VOUT = 10 V step
11
11
µs
0.001%, VCM = 10 V step
15.4
15.4
µs
OUTPUT VOLTAGE NOISE
0.01 Hz to 10 Hz
30
35
30
35
µV p-p
Noise Spectral Density
f ≥ 100 Hz
1.6
1.6
μV/√Hz
POWER SUPPLY
Operating Voltage Range
±2.5
±18
±2.5
±18
V
Supply Current
VOUT = 0 V
550
650
550
650
μA
TA = TMIN to TMAX
850
850
μA
TEMPERATURE RANGE
Specified Performance
TA = TMIN to TMAX
−40
+85
−40
+85
°C
Operational
−40
+125
−40
+125
°C


Numéro de pièce similaire - AD8479ARZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8479ARZ-RL AD-AD8479ARZ-RL Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
More results

Description similaire - AD8479ARZ-RL

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8479-EP AD-AD8479-EP Datasheet
226Kb / 7P
   Very High Common-Mode Voltage Precision Difference Amplifier
Rev. 0
AD8479 AD-AD8479_15 Datasheet
425Kb / 16P
   Very High Common-Mode Voltage Precision Difference Amplifier
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Analog Devices
AD629 AD-AD629_15 Datasheet
410Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
REV. C
AD629 AD-AD629_07 Datasheet
540Kb / 16P
   High Common-Mode Voltage, Difference Amplifier
Rev. B
logo
Texas Instruments
INA149 TI-INA149 Datasheet
1Mb / 24P
[Old version datasheet]   High Common-Mode Voltage Difference Amplifier
INA149-EP TI1-INA149-EP Datasheet
1Mb / 26P
[Old version datasheet]   HIGH COMMON-MODE VOLTAGE DIFFERENCE AMPLIFIER
logo
Analog Devices
LT6376 AD-LT6376 Datasheet
613Kb / 30P
   Common Mode Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com