Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FR240 Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce 74FR240
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR240 Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  74FR240 Datasheet HTML 1Page - Fairchild Semiconductor 74FR240 Datasheet HTML 2Page - Fairchild Semiconductor 74FR240 Datasheet HTML 3Page - Fairchild Semiconductor 74FR240 Datasheet HTML 4Page - Fairchild Semiconductor 74FR240 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
AC Electrical Characteristics
Extended AC Electrical Characteristics
Note 3: This specification is guaranteed but not tested. The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 4: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Note 5: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to any outputs switching HIGH-to-LOW, (tOSHL), LOW-to-HIGH, (tOSLH), or HIGH-to-LOW and/or LOW-to-HIGH, (tOST). Specifications guaran-
teed with all outputs switching in phase.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.0
3.3
4.7
1.0
4.7
ns
tPHL
An to Bn or Bn to An
1.02.9
4.71.0
4.7
tPZH
Output Enable Time
2.6
4.0
7.0
2.6
7.0
ns
tPZL
2.66.3
7.02.6
7.0
tPHZ
Output Disable Time
1.7
3.3
6.6
1.7
6.6
ns
tPLZ
1.72.9
6.61.7
6.6
Symbol
Parameter
TA = 0°C to +70°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
Eight Outputs Switching
(Note 4)
(Note 3)
Min
Max
Min
Max
tPLH
Propagation Delay
1.0
6.4
2.3
8.3
ns
tPHL
An to Bn or Bn to An
1.0
6.4
2.3
8.3
tPZH
Output Enable Time
2.6
7.2
ns
tPZL
2.6
7.2
tPHZ
Output Disable Time
1.7
6.8
ns
tPLZ
1.7
6.8
tOSHL
Pin-to-Pin Skew
2.0
ns
(Note 5)
for HL Transitions
tOSLH
Pin-to-Pin Skew
1.1
ns
(Note 5)
for LH Transitions
tOST
Pin-to-Pin Skew
3.1
ns
(Note 5)
for HL/LH Transitions


Numéro de pièce similaire - 74FR240

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74FR244 FAIRCHILD-74FR244 Datasheet
50Kb / 5P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244 FAIRCHILD-74FR244 Datasheet
65Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244PC FAIRCHILD-74FR244PC Datasheet
50Kb / 5P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244PC FAIRCHILD-74FR244PC Datasheet
65Kb / 6P
   Octal Buffer/Line Driver with 3-STATE Outputs
74FR244SC FAIRCHILD-74FR244SC Datasheet
50Kb / 5P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results

Description similaire - 74FR240

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com