Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74FR16245 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74FR16245
Description  16-Bit Transceiver with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74FR16245 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74FR16245 Datasheet HTML 1Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 2Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 3Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 4Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 5Page - Fairchild Semiconductor 74FR16245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Extended AC Characteristics
Note 3: Skew is defined as the absolute value of the difference between the actual propagation delays for any two outputs of the same device. The specifi-
cation applies to any outputs switching HIGH-to-LOW (tOSHL) LOW-to-HIGH (tOSLH), or HIGH-to-LOW and/or LOW-to-HIGH (tOST). Specifications guaran-
teed with all outputs switching in phase.
Note 4: This specification is guaranteed but not tested The limits apply to propagation delays for all paths described switching in phase,
i.e., all LOW-to-HIGH, HIGH-to-LOW, 3-STATE-to-HIGH, etc.
Note 5: These specifications guaranteed but not tested. The limits represent propagation delays with 250 pF load capacitors in place of the 50 pF load
capacitors in the standard AC load. This specification pertains to single output switching only.
Symbol
Parameter
TA = +25°CTA = 0°C to +70°C
Unit
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
1.3
2.7
4.3
1.3
4.3
ns
tPHL
An to Bn or Bn to An
1.3
2.2
4.3
1.3
4.3
tPZH
Output Enable Time
3.9
6.9
13.9
3.9
13.9
ns
tPZL
3.9
9.7
13.9
3.9
13.9
tPHZ
Output Disable Time
1.8
3.9
6.3
1.8
6.3
ns
tPLZ
1.8
4.4
6.3
1.8
6.3
Symbol
Parameter
TA = 0°C to +70°CTA = 0°C to +70°C
Unit
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 250 pF
16 Outputs Switching
(Note 4)
(Note 5)
Min
Max
Min
Max
tPLH
Propagation Delay
1.3
5.8
3.2
8.2
ns
tPHL
An to Bn or Bn to An
1.35.8
3.28.2
tPZH
Output Enable Time
3.9
14.6
ns
tPZL
3.9
14.6
tPHZ
Output Disable Time
1.8
6.3
ns
tPLZ
1.8
6.3
tOSHL
Pin-to-Pin Skew
1.2
ns
(Note 3)
for HL Transitions
tOSLH
Pin-to-Pin Skew
2.2
ns
(Note 3)
for LH Transitions
tOST
Pin-to-Pin Skew
2.5
ns
(Note 3)
for HL/LH Transitions


Numéro de pièce similaire - 74FR16245

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74FR16245 NSC-74FR16245 Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Rochester Electronics
74FR16245 ROCHESTER-74FR16245 Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
logo
National Semiconductor ...
74FR16245Q NSC-74FR16245Q Datasheet
151Kb / 6P
   16-Bit Transceiver with TRI-STATE Outputs
logo
Rochester Electronics
74FR16245QC ROCHESTER-74FR16245QC Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
74FR16245QCX ROCHESTER-74FR16245QCX Datasheet
415Kb / 5P
   16-Bit Transceiver with 3-STATE Outputs Separate control pins for each byte
More results

Description similaire - 74FR16245

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74ABT16245 FAIRCHILD-74ABT16245 Datasheet
92Kb / 8P
   16-Bit Transceiver with 3-STATE Outputs
74ACT16245 FAIRCHILD-74ACT16245 Datasheet
80Kb / 6P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245_05 Datasheet
101Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
74ACTQ16245 FAIRCHILD-74ACTQ16245 Datasheet
86Kb / 7P
   16-Bit Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACTQ16646 FAIRCHILD-74ACTQ16646 Datasheet
92Kb / 9P
   16-Bit Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
SN74ALVC16245 TI1-SN74ALVC16245_13 Datasheet
203Kb / 10P
[Old version datasheet]   16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com