Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F899 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F899
Description  9-Bit Latchable Transceiver with Parity Generator/Checker
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F899 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F899 Datasheet HTML 1Page - Fairchild Semiconductor 74F899 Datasheet HTML 2Page - Fairchild Semiconductor 74F899 Datasheet HTML 3Page - Fairchild Semiconductor 74F899 Datasheet HTML 4Page - Fairchild Semiconductor 74F899 Datasheet HTML 5Page - Fairchild Semiconductor 74F899 Datasheet HTML 6Page - Fairchild Semiconductor 74F899 Datasheet HTML 7Page - Fairchild Semiconductor 74F899 Datasheet HTML 8Page - Fairchild Semiconductor 74F899 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 2)
Recommended Operating
Conditions
Note 2: Absolute maximum ratings are values beyond which the device
may be damaged or have its useful life impaired. Functional operation
under these conditions is not implied.
Note 3: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Storage Temperature
−65°C to +150°C
Ambient Temperature under Bias
−55°C to +125°C
Junction Temperature under Bias
−55°C to +150°C
VCC Pin Potential to Ground Pin
−0.5V to +7.0V
Input Voltage (Note 3)
−0.5V to +7.0V
Input Current (Note 3)
−30 mA to +5.0 mA
Voltage Applied to Output
in HIGH State (with VCC = 0V)
Standard Output
−0.5V to V
CC
3-STATE Output
−0.5V to +5.5V
Current Applied to Output
in LOW State (Max)
Twice the Rated IOL (mA)
ESD Last Passing Voltage (Min)
4000V
Free Air Ambient Temperature
0
°C to +70°C
Supply Voltage
+4.5V to +5.5V
Symbol
Parameter
Min
Typ
Max
Units
VCC
Conditions
VIH
Input HIGH Voltage
2.0
V
Recognized as a
HIGH Signal
VIL
Input LOW Voltage
0.8
V
Recognized as a
LOW Signal
VCD
Input Clamp Diode Voltage
−1.2
V
Min
IIN = −18 mA
VOH
Output HIGH
10% VCC
2.5
IOH = −1 mA
Voltage
10% VCC
2.4
IOH = −3 mA
10% VCC
2.0
V
IOH = −15 mA (Bn, BPAR)
5% VCC
2.7
IOH = −1 mA
5% VCC
2.7
IOH = −3 mA
VOL
Output LOW
10% VCC
0.5
IOL = 20 mA
Voltage
(An, APAR, ERRA, ERRB)
5% VCC
0.55
V
IOL = 24 mA
(An, APAR, ERRA, ERRB)
10% VCC
0.55
IOL = 64 mA (Bn, BPAR)
VTH
Input Threshold Voltage
1.45
V
±0.1V, Sweep Edge Rate must be > 1V/50 ns
VOLV
Negative Ground Bounce
1.0
V
Observed on “quiet” output during
Voltage
simultaneous switching of remaining outputs
VOLP
Positive Ground Bounce
1.0
V
Observed on “quiet” output during
Voltage
simultaneous switching of remaining outputs
IIL
Input Low Current
−0.6
mA
Max
VIN = 0.5V
IIH
Input HIGH
5.0
µAMax
VIN = 2.7V
Current
IBVI
Input HIGH Current
7.0
µAMax
VIN = 7.0V
Breakdown Test
(ODD/EVEN, GBA, GAB, SEL, LEA, LEB)
IBVIT
Input HIGH Current
0.5
mA
Max
VIN = 5.5V
Breakdown (I/O)
(An, Bn, APAR, BPAR)
ICEX
Output HIGH
50
µAMax
VOUT = VCC
Leakage Current
VID
Input Leakage
4.75
V
0.0
IID = 1.9 µA
Test
All Other Pins Grounded
IOD
Output Leakage
3.75
µA0.0
VIOD = 150 mV
Circuit Current
All Other Pins Grounded
IIL
Input Low Current
−0.6
mA
Max
VIN = 0.5V
IIH+
Output Leakage Current
70
µAMax
VI/O = 2.7V
IOZH
Current
(An, Bn, APAR, BPAR)


Numéro de pièce similaire - 74F899

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74F8960 PHILIPS-74F8960 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8961 PHILIPS-74F8961 Datasheet
194Kb / 11P
   Octal latched bidirectional Futurebus transceivers 3-State open-collector
December 19, 1990
74F8962 PHILIPS-74F8962 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8963 PHILIPS-74F8963 Datasheet
97Kb / 10P
   9-Bit latched bidirectional Futurebus transceivers open-collector
March 11, 1993
74F8965 PHILIPS-74F8965 Datasheet
119Kb / 11P
   9-Bit address/data Futurebus transceiver, ADT
December 19, 1990
More results

Description similaire - 74F899

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74AC899 NSC-74AC899 Datasheet
214Kb / 14P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Fairchild Semiconductor
74ABT899 FAIRCHILD-74ABT899 Datasheet
128Kb / 16P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
National Semiconductor ...
54ACT899 NSC-54ACT899 Datasheet
311Kb / 12P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Texas Instruments
SN74BCT899 TI1-SN74BCT899 Datasheet
120Kb / 8P
[Old version datasheet]   9-BIT LATCHABLE TRANSCEIVER WITH PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74ACT899 FAIRCHILD-74ACT899 Datasheet
78Kb / 9P
   9-Bit Latchable Transceiver with Parity Generator/Checker
logo
Aeroflex Circuit Techno...
UT54ACTS899 AEROFLEX-UT54ACTS899 Datasheet
171Kb / 17P
   9-bit Latchable Transceiver with Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
   9 - BIT PARITY GENERATOR CHECKER
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
   9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATOR/CHECKER
logo
National Semiconductor ...
54F280DM NSC-54F280DM Datasheet
152Kb / 8P
   9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com