Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F827 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F827
Description  10-Bit Buffers/Line Drivers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F827 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F827 Datasheet HTML 1Page - Fairchild Semiconductor 74F827 Datasheet HTML 2Page - Fairchild Semiconductor 74F827 Datasheet HTML 3Page - Fairchild Semiconductor 74F827 Datasheet HTML 4Page - Fairchild Semiconductor 74F827 Datasheet HTML 5Page - Fairchild Semiconductor 74F827 Datasheet HTML 6Page - Fairchild Semiconductor 74F827 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
Logic Symbols
74F827
IEEE/IEC
74F827
74F828
IEEE/IEC
74F828
Unit Loading/Fan Out
Functional Description
The 74F827 and 74F828 are line drivers designed to be
employed as memory address drivers, clock drivers and
bus-oriented
transmitters/receivers
which
provide
improved PC board density. The devices have 3-STATE
outputs controlled by the Output Enable (OE) pins. The
outputs can sink 64 mA and source 15 mA. Input clamp
diodes limit high-speed termination effects.
Function Table
H
= HIGH Voltage level
L
= LOW Voltage Level
Z
= High Impedance
X
= Immaterial
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
OE1, OE2
Output Enable Input
1.0/1.0
20
µA/−0.6 mA
D0–D7
Data Inputs
1.0/1.0
20
µA/−0.6 mA
O0–O7
Data Outputs, 3-STATE
600/106.6 (80)
−12 mA/64 mA (48 mA)
Inputs
Outputs
OE
Dn
On
Function
74F827
74F828
L
H
H
L
Transparent
L
L
L
H
Transparent
H
X
Z
Z
High Z


Numéro de pièce similaire - 74F827

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F827 NSC-74F827 Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
NXP Semiconductors
74F827 PHILIPS-74F827 Datasheet
97Kb / 12P
   10-bit buffer/line driver, non-inverting 3-State
1994 Dec 5
74F827 NXP-74F827 Datasheet
88Kb / 13P
   10-bit buffer/line driver; non-inverting; 3-state
Rev. 04-29 January 2010
logo
National Semiconductor ...
74F827SC NSC-74F827SC Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
74F827SPC NSC-74F827SPC Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
More results

Description similaire - 74F827

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F827SDM NSC-54F827SDM Datasheet
164Kb / 8P
   10-Bit Buffers/Line Drivers
logo
Texas Instruments
CY74FCT163244 TI-CY74FCT163244 Datasheet
63Kb / 7P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16827T TI-CY74FCT16827T Datasheet
62Kb / 7P
[Old version datasheet]   20-Bit Buffers/Line Drivers
CY5474FCT540T TI-CY5474FCT540T Datasheet
82Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT16240T TI-CY74FCT16240T Datasheet
127Kb / 11P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16240T TI1-CY74FCT16240T_15 Datasheet
476Kb / 13P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT16244T TI-CY74FCT16244T Datasheet
64Kb / 8P
[Old version datasheet]   16-Bit Buffers/Line Drivers
CY74FCT2240T TI-CY74FCT2240T Datasheet
57Kb / 6P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY5474FCT240T TI-CY5474FCT240T Datasheet
97Kb / 8P
[Old version datasheet]   8-Bit Buffers/Line Drivers
CY74FCT163244 TI1-CY74FCT163244_05 Datasheet
132Kb / 10P
[Old version datasheet]   16-Bit Buffers/Line Drivers
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com