Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F825 Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F825
Description  8-Bit D-Type Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F825 Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F825 Datasheet HTML 1Page - Fairchild Semiconductor 74F825 Datasheet HTML 2Page - Fairchild Semiconductor 74F825 Datasheet HTML 3Page - Fairchild Semiconductor 74F825 Datasheet HTML 4Page - Fairchild Semiconductor 74F825 Datasheet HTML 5Page - Fairchild Semiconductor 74F825 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
100
160
60
70
MHz
tPLH
Propagation Delay
2.0
6.5
9.5
2.0
10.5
2.0
10.5
ns
tPHL
CP to On
2.0
6.6
9.5
2.0
10.5
2.0
10.5
tPHL
Propagation Delay
4.0
7.4
12.0
4.0
13.0
4.0
13.0
ns
CLR to On
tPZH
Output Enable Time
2.0
6.5
10.5
2.0
13.0
2.0
11.5
tPZL
OE to On
2.0
6.6
10.5
2.0
13.0
2.0
11.5
ns
tPHZ
Output Disable TIme
1.5
3.5
7.0
1.0
7.5
1.5
7.5
tPLZ
OE to On
1.53.3
7.01.0
7.51.5
7.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
2.5
4.0
3.0
tS(L)
Dn to CP
2.5
4.0
3.0
ns
tH(H)
Hold Time, HIGH or LOW
2.5
2.5
2.5
tH(L)
Dn to CP
2.5
2.5
2.5
tS(H)
Setup Time, HIGH or LOW
4.5
5.0
5.0
tS(L)
EN to CP
2.5
3.0
3.0
ns
tH(H)
Hold Time, HIGH or LOW
2.0
3.0
1.0
tH(L)
EN to CP
02.0
0
tW(H)
CP Pulse Width
5.0
6.0
6.0
ns
tW(L)
HIGH or LOW
5.0
6.0
6.0
tW(L)
CLR Pulse Width, LOW
5.0
5.0
5.0
ns
tREC
CLR Recovery Time
5.0
5.0
5.0
ns


Numéro de pièce similaire - 74F825

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F825 NSC-74F825 Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
NXP Semiconductors
74F825 PHILIPS-74F825 Datasheet
140Kb / 18P
   Bus interface registers
1996 Jan 05
logo
Fairchild Semiconductor
74F825 FAIRCHILD-74F825 Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
logo
Bourns Electronic Solut...
74F825AI-RC BOURNS-74F825AI-RC Datasheet
429Kb / 1P
   High Q, high self-resonant frequency Varnish coated
logo
National Semiconductor ...
74F825SC NSC-74F825SC Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
More results

Description similaire - 74F825

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F825SDM NSC-54F825SDM Datasheet
161Kb / 8P
   8-Bit D-Type Flip-Flop
logo
Fairchild Semiconductor
74ACT825 FAIRCHILD-74ACT825 Datasheet
74Kb / 7P
   8-Bit D-Type Flip-Flop
74F825 FAIRCHILD-74F825_00 Datasheet
63Kb / 6P
   8-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54ACT825 NSC-54ACT825 Datasheet
158Kb / 8P
   8-Bit D Flip-Flop
logo
NXP Semiconductors
74ABT16273 PHILIPS-74ABT16273 Datasheet
85Kb / 10P
   16-bit D-type flip-flop
1998 Feb 27
logo
Fairchild Semiconductor
74F823 FAIRCHILD-74F823_00 Datasheet
62Kb / 6P
   9-Bit D-Type Flip-Flop
74ACT823 FAIRCHILD-74ACT823 Datasheet
76Kb / 7P
   9-Bit D-Type Flip-Flop
74F821 FAIRCHILD-74F821 Datasheet
49Kb / 6P
   10-Bit D-Type Flip-Flop
74F823 FAIRCHILD-74F823 Datasheet
52Kb / 6P
   9-Bit D-Type Flip-Flop
logo
National Semiconductor ...
54F821SDM NSC-54F821SDM Datasheet
153Kb / 8P
   10-Bit D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com