Moteur de recherche de fiches techniques de composants électroniques |
|
ST-0600 Fiches technique(PDF) 3 Page - Bourns Electronic Solutions |
|
ST-0600 Fiches technique(HTML) 3 Page - Bourns Electronic Solutions |
3 / 3 page REV. 10/12 “Sparctube” is a registered trademark of Bourns, Inc. in the European Community, with pending trademark registration applications in the U.S. and China. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. ST-0600 Series Sparctube™ Switching Spark Gap Models ST-0600-BBB, ST-0600-BLB and ST-0600-BCB* ship standard bulk pack, 1,000 pcs./bag. The optional tape and reel packaging contains 1,000 pcs./reel for Model ST-0600-BLT; 500 pcs./reel for Model ST-0600-BBT. * Available in bulk packaging only. Packaging Specifications 85.0 ± 2.0 (3.346 ± .079) 356.0 ± 2.0 (14.016 ± .079) DIA. 14.0 +1.0/-0.0 (.551 +.039/-.00) DIA. 6.2 ± 1.0 (.244 ± .039) 90.0 ± 2.0 (3.543 ± .079) 90.0 ± 2.0 (3.543 ± .079) 10.0 ± 1.0 (.394 ± .039) SPACING 105.0 (4.134) A A B B C C SECTION A-A SECTION B-B SECTION C-C 12.0 ± 0.1 (.472 ± .004) 12.0 ± 0.1 (.472 ± .004) 2.0 ± 0.1 (.079 ± .004) 4.0 ± 0.1 (.157 ± .004) 1.75 (.069) 0.50 ± 0.05 (.020 ± .002) 8.5 +0.15/-0.05 (.335 +.006/-.002) 9.3 ± 0.1 (.366 ± .004) 9.1 +0.2/-0.0 (.358 +.008/-.000) 7.50 (.295) 16.0 (.630) 8.2 +0.2/-0.0 (.323 +.008/-.000) 330 (12.992) 2.2 ± 0.5 (.087 ± .020) 13.0 ± 0.2 (.512 ± .008) 100 ± 1.0 (3.937 ± .039) 16.5 ± 0.1 (.650 ± .004) 20.2 ± 1.0 (.795 ± .039) DIMENSIONS: MM (INCHES) ST-0600-BBT ST-0600-BLT |
Numéro de pièce similaire - ST-0600 |
|
Description similaire - ST-0600 |