Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F373 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce 74F373
Description  Octal Transparent Latch with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F373 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  74F373 Datasheet HTML 1Page - Fairchild Semiconductor 74F373 Datasheet HTML 2Page - Fairchild Semiconductor 74F373 Datasheet HTML 3Page - Fairchild Semiconductor 74F373 Datasheet HTML 4Page - Fairchild Semiconductor 74F373 Datasheet HTML 5Page - Fairchild Semiconductor 74F373 Datasheet HTML 6Page - Fairchild Semiconductor 74F373 Datasheet HTML 7Page - Fairchild Semiconductor 74F373 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.fairchildsemi.com
2
Unit Loading/Fan Out
Functional Description
The 74F373 contains eight D-type latches with 3-STATE
output buffers. When the Latch Enable (LE) input is HIGH,
data on the Dn inputs enters the latches. In this condition
the latches are transparent, i.e., a latch output will change
state each time its D input changes. When LE is LOW, the
latches store the information that was present on the D
inputs a setup time preceding the HIGH-to-LOW transition
of LE. The 3-STATE buffers are controlled by the Output
Enable (OE) input. When OE is LOW, the buffers are in the
bi-state mode. When OE is HIGH the buffers are in the high
impedance mode but this does not interfere with entering
new data into the latches.
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance State
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
Pin Names
Description
U.L.
Input IIH/IIL
HIGH/LOW
Output IOH/IOL
D0–D7
Data Inputs
1.0/1.0
20
µA/−0.6 mA
LE
Latch Enable Input (Active HIGH)
1.0/1.0
20
µA/−0.6 mA
OE
Output Enable Input (Active LOW)
1.0/1.0
20
µA/−0.6 mA
O0–O7
3-STATE Latch Outputs
150/40 (33.3)
−3 mA/24 mA (20 mA)
Inputs
Output
LE
OE
Dn
On
HL
H
H
HL
L
L
LL
X
On (no change)
XHX
Z


Numéro de pièce similaire - 74F373

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F373 NSC-74F373 Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
NXP Semiconductors
74F373 PHILIPS-74F373 Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Nexperia B.V. All right...
74F373 NEXPERIA-74F373 Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
National Semiconductor ...
74F373MSA NSC-74F373MSA Datasheet
174Kb / 8P
   Octal Transparent Latch with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F373MSA FAIRCHILD-74F373MSA Datasheet
80Kb / 8P
   74F373 Octal Transparent Latch with 3-STATE Outputs
More results

Description similaire - 74F373

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC5474F373 MOTOROLA-MC5474F373 Datasheet
79Kb / 3P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT533 FAIRCHILD-74ACT533 Datasheet
92Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
List of Unclassifed Man...
T74LS373 ETC-T74LS373 Datasheet
236Kb / 5P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT373 FAIRCHILD-74ABT373_07 Datasheet
308Kb / 13P
   Octal Transparent Latch with 3-STATE Outputs
logo
Motorola, Inc
MC74AC533 MOTOROLA-MC74AC533 Datasheet
209Kb / 7P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
logo
Nexperia B.V. All right...
HEF40373B NEXPERIA-HEF40373B Datasheet
212Kb / 15P
   Octal transparent latch with 3-state outputs
Rev. 4 - 29 June 2018
logo
Fairchild Semiconductor
74AC373 FAIRCHILD-74AC373 Datasheet
122Kb / 10P
   Octal Transparent Latch with 3-STATE Outputs
74ACT373SJX FAIRCHILD-74ACT373SJX Datasheet
466Kb / 14P
   Octal Transparent Latch with 3-STATE Outputs
74F533 FAIRCHILD-74F533 Datasheet
80Kb / 7P
   Octal Transparent Latch with 3-STATE Outputs
logo
NXP Semiconductors
HEF40373B_CNV PHILIPS-HEF40373B_CNV_15 Datasheet
90Kb / 7P
   Octal transparent latch with 3-state outputs
January 1995
logo
Motorola, Inc
MC74AC373 MOTOROLA-MC74AC373 Datasheet
212Kb / 8P
   OCTAL TRANSPARENT LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com