Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F299PC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F299PC
Description  Octal Universal Shift/Storage Register with Common Parallel I/O Pins
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F299PC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F299PC Datasheet HTML 1Page - Fairchild Semiconductor 74F299PC Datasheet HTML 2Page - Fairchild Semiconductor 74F299PC Datasheet HTML 3Page - Fairchild Semiconductor 74F299PC Datasheet HTML 4Page - Fairchild Semiconductor 74F299PC Datasheet HTML 5Page - Fairchild Semiconductor 74F299PC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0 to +70°C
Units
VCC = 5.0V
VCC = 5.0V
VCC = 5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Input Frequency
70
100
85
70
MHz
tPLH
Propagation Delay
4.0
7.0
8.0
4.0
9.0
4.0
8.5
ns
tPHL
CP to Q0 or Q7
4.56.5
8.04.5
9.54.5
8.5
tPLH
Propagation Delay
3.5
7.0
9.0
3.5
10.0
3.5
10.0
tPHL
CP to I/On
4.0
8.5
9.0
4.0
11.0
4.0
10.0
tPHL
Propagation Delay
5.5
7.5
9.5
5.5
12.5
5.5
10.5
ns
MR to Q0 or Q7
tPHL
Propagation Delay
5.5
11.0
10.0
5.5
12.0
5.5
10.5
MR to I/On
tPZH
Output Enable Time
3.5
6.0
8.0
3.0
9.5
3.5
9.0
ns
tPZL
OE to I/On
4.0
7.0
10.0
4.0
13.0
4.0
11.0
tPHZ
Output Disable Time
2.0
4.5
6.0
1.5
7.0
2.0
7.0
tPLZ
OE to I/On
1.04.0
5.51.0
6.51.0
6.5
tPZH
Output Enable Time
3.5
9.0
3.0
10.5
3.5
10.0
ns
tPZL
Sn to I/On
4.0
10.0
4.0
13.0
4.0
11.0
tPHZ
Output Disable Time
2.5
6.0
1.5
7.0
2.5
7.0
ns
tPLZ
Sn to I/On
1.5
5.5
1.0
6.5
1.5
6.5
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0 to +70°C
Units
VCC = 5.0V
VCC = 5.0V
VCC = 5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
8.5
10.0
8.5
ns
tS(L)
S0 or S1 to CP
8.5
7.5
8.5
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
S0 or S1 to CP
0
0
0
tS(H)
Setup Time, HIGH or LOW
5.0
5.0
5.0
ns
tS(L)
I/On, DS0 or DS7 to CP
5.0
5.0
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
2.0
tH(L)
I/On, DS0 or DS7 to CP
2.0
2.0
2.0
tW(H)
CP Pulse Width
5.0
5.0
5.0
ns
tW(L)
HIGH or LOW
5.0
5.0
5.0
tW(L)
MR Pulse Width, LOW
5.0
6.0
5.0
ns
tREC
Recovery Time, MR to CP
7.0
12.0
7.0
ns


Numéro de pièce similaire - 74F299PC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F299PC NSC-74F299PC Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
More results

Description similaire - 74F299PC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F299DM NSC-54F299DM Datasheet
194Kb / 10P
   Octal Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
   8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
Fairchild Semiconductor
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
   Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
   8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com