Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F251APC Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74F251APC
Description  8-Input Multiplexer with 3-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F251APC Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74F251APC Datasheet HTML 1Page - Fairchild Semiconductor 74F251APC Datasheet HTML 2Page - Fairchild Semiconductor 74F251APC Datasheet HTML 3Page - Fairchild Semiconductor 74F251APC Datasheet HTML 4Page - Fairchild Semiconductor 74F251APC Datasheet HTML 5Page - Fairchild Semiconductor 74F251APC Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = 5.0V
VCC = 5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.5
6.0
9.0
3.5
11.5
3.5
9.5
ns
tPHL
Sn to Z
3.25.0
7.53.2
8.03.2
7.5
tPLH
Propagation Delay
4.5
7.5
10.5
3.5
14.0
4.5
12.5
ns
tPHL
Sn to Z
4.0
6.0
8.5
3.0
10.5
4.0
9.0
tPLH
Propagation Delay
3.0
5.0
6.5
2.5
8.0
3.0
7.0
ns
tPHL
In to Z
1.52.5
4.01.5
6.01.5
5.0
tPLH
Propagation Delay
3.5
5.0
7.0
2.5
9.0
2.5
8.0
ns
tPHL
In to Z
3.5
5.5
7.0
3.5
9.0
3.5
7.5
tPZH
Output Enable Time
2.5
4.3
6.0
2.0
7.0
2.5
7.0
ns
tPZL
OE to Z
2.54.3
6.02.5
7.52.5
6.5
tPHZ
Output Disable Time
2.5
4.0
5.5
2.5
6.0
2.5
6.0
tPLZ
OE to Z
1.53.0
4.51.5
5.01.5
4.5
tPZH
Output Enable Time
3.5
5.0
7.0
3.0
8.5
3.0
7.5
ns
tPZL
OE to Z
3.55.5
7.53.5
9.03.5
8.0
tPHZ
Output Disable Time
2.0
3.8
5.5
2.0
5.5
2.0
5.5
tPLZ
OE to Z
1.53.0
4.51.5
5.51.5
4.5


Numéro de pièce similaire - 74F251APC

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F251APC NSC-74F251APC Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F251APC FAIRCHILD-74F251APC Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
More results

Description similaire - 74F251APC

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74F251A FAIRCHILD-74F251A_00 Datasheet
81Kb / 7P
   8-Input Multiplexer with 3-STATE Outputs
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
Integral Corp.
IN74ACT251 INTEGRAL-IN74ACT251 Datasheet
192Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC54-74HC251 MOTOROLA-MC54-74HC251 Datasheet
213Kb / 7P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
System Logic Semiconduc...
SL74HC251 SLS-SL74HC251 Datasheet
52Kb / 5P
   8-Input Data Selector/Multiplexer with 3-State Outputs
logo
Integral Corp.
IN74HC251A INTEGRAL-IN74HC251A Datasheet
148Kb / 5P
   8-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
   8-Input Multiplexer With TRI-STATE Outputs
54F251ADM NSC-54F251ADM Datasheet
165Kb / 8P
   8-Input Multiplexer with TRI-STATE Outputs
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com