Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74F190 Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74F190
Description  Up/Down Decade Counter with Preset and Ripple Clock
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F190 Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74F190 Datasheet HTML 1Page - Fairchild Semiconductor 74F190 Datasheet HTML 2Page - Fairchild Semiconductor 74F190 Datasheet HTML 3Page - Fairchild Semiconductor 74F190 Datasheet HTML 4Page - Fairchild Semiconductor 74F190 Datasheet HTML 5Page - Fairchild Semiconductor 74F190 Datasheet HTML 6Page - Fairchild Semiconductor 74F190 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
AC Electrical Characteristics
AC Operating Requirements
Symbol
Parameter
TA = +25°CTA −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
100
125
75
90
MHz
tPLH
Propagation Delay
3.0
5.5
7.5
3.0
9.5
3.0
8.5
ns
tPHL
CP to Qn
5.0
8.5
11.0
5.0
13.5
5.0
12.0
tPLH
Propagation Delay
6.0
10.0
13.0
6.0
16.5
6.0
14.0
tPHL
CP to TC
5.0
8.5
11.0
5.0
13.5
5.0
12.0
tPLH
Propagation Delay
3.0
5.5
7.5
3.0
9.5
3.0
8.5
ns
tPHL
CP to RC
3.0
5.0
7.0
3.0
9.0
3.0
8.0
tPLH
Propagation Delay
3.0
5.0
7.0
3.0
9.0
3.0
8.0
tPHL
CE to RC
3.0
5.5
7.0
3.0
9.0
3.0
8.0
tPLH
Propagation Delay
7.0
11.0
18.0
7.0
22.0
7.0
20.0
ns
tPHL
U /D to RC
5.5
9.0
12.0
5.5
14.0
5.5
13.0
tPLH
Propagation Delay
4.0
7.0
10.0
4.0
13.5
4.0
11.0
tPHL
U /D to TC
4.0
6.5
10.0
4.0
12.5
4.0
11.0
tPLH
Propagation Delay
3.0
4.5
7.0
3.0
9.0
3.0
8.0
ns
tPHL
Pn to Qn
6.0
10.0
13.0
6.0
16.0
6.0
14.0
tPLH
Propagation Delay
5.0
8.5
11.0
5.0
13.0
5.0
12.0
ns
tPHL
PL to Qn
5.5
9.0
12.0
5.5
14.5
5.5
13.0
Symbol
Parameter
TA = +25°CTA −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = +5.0V
VCC = +5.0V
Min
Max
Min
Max
Min
Max
tS(H)
Setup Time, HIGH or LOW
4.5
6.0
5.0
ns
tS(L)
Pn to PL
4.5
6.0
5.0
tH(H)
Hold Time, HIGH or LOW
2.0
2.0
2.0
tH(L)
Pn to PL
2.0
2.0
2.0
tS(L)
Setup Time, LOW
10.0
10.5
10.0
ns
CE to CP
tH(L)
Hold Time, LOW
0
0
0
CE to CP
tS(H)
Setup Time, HIGH or LOW
12.0
12.0
12.0
ns
tS(L)
U /D to CP
12.0
12.0
12.0
tH(H)
Hold Time, HIGH or LOW
0
0
0
tH(L)
U /D to CP
000
tW(L)
PL Pulse Width, LOW
6.0
8.5
6.0
ns
tW(L)
CP Pulse Width, LOW
5.0
7.0
5.0
ns
tREC
Recovery Time PL to CP
6.0
7.5
6.0
ns


Numéro de pièce similaire - 74F190

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
74F190 NSC-74F190 Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
74F190PC NSC-74F190PC Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
74F190SC NSC-74F190SC Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
More results

Description similaire - 74F190

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54F190DM NSC-54F190DM Datasheet
178Kb / 10P
   Up/Down Decade Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74AC191 FAIRCHILD-74AC191 Datasheet
115Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
logo
Motorola, Inc
MC74AC190 MOTOROLA-MC74AC190 Datasheet
214Kb / 8P
   Up/Down Counter with Preset and Ripple Clock
logo
National Semiconductor ...
54AC191 NSC-54AC191 Datasheet
208Kb / 10P
   Up/Down Counter with Preset and Ripple Clock
54F191DM NSC-54F191DM Datasheet
196Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
54F191 NSC-54F191 Datasheet
175Kb / 10P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Fairchild Semiconductor
74F191 FAIRCHILD-74F191_07 Datasheet
185Kb / 12P
   Up/Down Binary Counter with Preset and Ripple Clock
74F191 FAIRCHILD-74F191 Datasheet
77Kb / 7P
   Up/Down Binary Counter with Preset and Ripple Clock
logo
Texas Instruments
SN74F190A TI1-SN74F190A Datasheet
126Kb / 7P
[Old version datasheet]   SYNCHRONOUS 4-BIT UP/DOWN DECADE COUNTER WITH RESET AND RIPPLE CLOCK
logo
NXP Semiconductors
74F191 PHILIPS-74F191 Datasheet
104Kb / 14P
   Up/down binary counter with reset and ripple clock
1995 Jul 17
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com