Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KF1N60L Fiches technique(PDF) 4 Page - KEC(Korea Electronics)

No de pièce KF1N60L
Description  This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF1N60L Fiches technique(HTML) 4 Page - KEC(Korea Electronics)

  KF1N60L Datasheet HTML 1Page - KEC(Korea Electronics) KF1N60L Datasheet HTML 2Page - KEC(Korea Electronics) KF1N60L Datasheet HTML 3Page - KEC(Korea Electronics) KF1N60L Datasheet HTML 4Page - KEC(Korea Electronics) KF1N60L Datasheet HTML 5Page - KEC(Korea Electronics) KF1N60L Datasheet HTML 6Page - KEC(Korea Electronics) KF1N60L Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2013. 1. 14
4/7
Revision No : 0
KF1N60L
Gate - Charge Qg (nC)
0
12
10
6
2
4
8
3
1
5
4
6
2
0
Fig8. Qg- VGS
I
D=1A
Fig 7. C - VDS
VDS = 480V
Drain - Source Voltage VDS (V)
1
10
100
1000
05
15
25
35
10
20
30
40
Crss
Coss
Ciss
1
0.8
0.6
0.4
0.2
DC
10us
100us
1ms
10ms


Numéro de pièce similaire - KF1N60L

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KF1N60L KEC-KF1N60L_15 Datasheet
882Kb / 7P
   N CHANNEL MOS FIELD EFFECT TRANSISTOR
More results

Description similaire - KF1N60L

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KF2N60L KEC-KF2N60L Datasheet
1Mb / 7P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
MORNSUN Science& Techno...
KF4N80F MORNSUN-KF4N80F Datasheet
391Kb / 6P
   This planar stripe MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
logo
KEC(Korea Electronics)
KMA3D6N20SA KEC-KMA3D6N20SA_12 Datasheet
705Kb / 5P
   This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics.
KMD6D0DN40Q KEC-KMD6D0DN40Q Datasheet
378Kb / 5P
   This Trench MOSFET has better characteristics, such as fast switching time, low on resistance, low gate charge and excellent avalanche characteristics. It is mainly suitable for DC/DC Converters.
KPS11N60F KEC-KPS11N60F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS8N60D KEC-KPS8N60D Datasheet
388Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS11N65F KEC-KPS11N65F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS8N65F KEC-KPS8N65F Datasheet
993Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS8N60F KEC-KPS8N60F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
KPS15N60F KEC-KPS15N60F Datasheet
390Kb / 6P
   This Super Junction MOSFET has better characteristics
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com